Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17511A Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 17511A
Description  1.0 A 6.8 V H-Bridge Motor Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17511A Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  17511A Datasheet HTML 1Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 2Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 3Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 4Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 5Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 6Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 7Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 8Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
17511A
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. VMFP Pin Connections
Table 1. VMFP Pin Function Description
Pin
Number
Pin Name
Formal Name
Definition
1
C2L
Charge Pump 2L
Charge pump bucket capacitor 2 (negative pole).
2
C1H
Charge Pump 1H
Charge pump bucket capacitor 1 (positive pole).
3
C1L
Charge Pump 1L
Charge pump bucket capacitor 1 (negative pole).
4
VM
Motor Drive Power Supply
Driver power supply voltage input pin.
5
VDD
Logic Supply
Control circuit power supply pin.
6
IN1
Input Control 1
Control signal input 1
7
IN2
Input Control 2
Control signal input 2.
8
EN
Enable Control
Enable control signal input pin.
9
LGND
Logic Ground
Logic ground pin.
10
GIN
Gate Driver Input
LOW = True control signal for GOUT pin.
11
OUT1
H-Bridge Output 1
Driver output 1 (right half of H-Bridge).
12
PGND
Power Ground
Driver ground pin.
13
OUT2
H-Bridge Output 2
Driver output 2 (left half of H-Bridge).
14
GOUT
Gate Driver Output
Output gate driver signal to external MOSFET switch.
15
CRES
Charge Pump Output Capacitor
Connection
Charge pump reservoir capacitor pin.
16
C2H
Charge Pump 2H
Charge pump bucket capacitor 2 (positive pole).
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
CRES
GOUT
OUT2
PGND
OUT1
GIN
LGND
C2L
C1H
C1L
VM
V
DD
IN1
IN2
EN
C2H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com