Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17511A Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 17511A
Description  1.0 A 6.8 V H-Bridge Motor Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17511A Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  17511A Datasheet HTML 1Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 2Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 3Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 4Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 5Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 6Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 7Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 8Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MPC17511A
Rev 2.0, 4/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
1.0 A 6.8 V H-Bridge Motor
Driver IC
The 17511A is a monolithic H-Bridge designed to be used in
portable electronic applications to control small DC motors or bipolar
step motors. End applications include head positioners (CDROM or
disk drive), camera focus motors, and camera shutter solenoids.
The 17511A can operate efficiently with supply voltages as low as
2.0 V to as high as 6.8 V. Its low RDS(ON) H-Bridge output MOSFETs
(0.46
Ω typical) can provide continuos motor drive currents of 1.0 A
and handle peak currents up to 3.0 A. It is easily interfaced to low-
cost MCUs via parallel 3.0 V- or 5.0 V- compatible logic. The device
can be pulse width modulated (PWM-ed) at up to 200 kHz.
This device contains an integrated charge pump and level shifter
(for gate drive voltages), integrated shoot-through current protection
(cross-conduction suppression logic and timing), and undervoltage
detection and shutdown circuitry.
The 17511A has four operating modes: Forward, Reverse, Brake,
and Tri-Stated (High Impedance).
Features
• 2.0 V to 6.8 V Continuous Operation
• Output Current 1.0 A (DC), 3.0 A (Peak)
• MOSFETs < 600 m
Ω R
DS(ON) @ 25°C Guaranteed
• 3.0 V/5.0 V TTL-/CMOS-Compatible Inputs
• PWM Frequencies up to 200 kHz
• Undervoltage Shutdown
• Cross-Conduction Suppression
• Low Power Consumption
• Pb-Free Packaging Designated by Suffix Codes EV and EP
Figure 1. 17511A Simplified Application Diagram
H-BRIDGE MOTOR DRIVER IC
EV SUFFIX (PB-FREE)
98ASH70109A
16-PIN VMFP
17511A
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MPC17511AEV/EL
-20°C to 65°C
16 VMFP
MPC17511AEP/R2
24 QFN
EP SUFFIX (PB-FREE)
98ARL10577D
24-PIN QFN
VDD
CRES
C1L
C1H
C2L
C2H
IN2
IN1
EN
OUT2
OUT1
GOUT
VM
GND
MCU
GIN
MOTOR
5.0 V
15 V
17511A


Similar Part No. - 17511A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
17511A FREESCALE-17511A Datasheet
852Kb / 17P
1.0 A 6.8 V H-Bridge Motor Driver IC
More results

Similar Description - 17511A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17510EJ MOTOROLA-MPC17510EJ Datasheet
490Kb / 12P
1.2 A 15 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
MPC17517 FREESCALE-MPC17517 Datasheet
489Kb / 12P
1.0 A 6.8 V Dual Motor Driver IC
17510 FREESCALE-17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
17517 FREESCALE-17517 Datasheet
393Kb / 14P
1.0 A 6.8 V Dual Motor Driver IC
17533 FREESCALE-17533 Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74HC670 RENESAS-HD74HC670 Datasheet
106Kb / 9P
1.0 A 6.8 V H-Bridge Motor Driver IC
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
H-BRIDGE MOTOR DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com