Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17511A Datasheet (PDF) - Freescale Semiconductor, Inc

17511A Datasheet PDF - Freescale Semiconductor, Inc
Part # 17511A
Download  17511A Download
File Size   852.21 Kbytes
Page   17 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 1.0 A 6.8 V H-Bridge Motor Driver IC

17511A Datasheet (PDF)

Go To PDF Page Download Datasheet
17511A Datasheet PDF - Freescale Semiconductor, Inc

Part # 17511A
Download  17511A Click to download

File Size   852.21 Kbytes
Page   17 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 1.0 A 6.8 V H-Bridge Motor Driver IC

17511A Datasheet (HTML) - Freescale Semiconductor, Inc


17511A Product details

1.0 A 6.8 V H-Bridge Motor Driver IC



The 17511A is a monolithic H-Bridge designed to be used in portable electronic applications tocontrol small DC motors or bipolar step motors. End applications include head positioners (CDROM or disk drive), camera focus motors, and camera shutter solenoids.



Features

• 2.0V to 6.8V Continuous Operation

• Output Current 1.0 A(DC), 3.0A (Peak)

• MOSFETs < 600 mΩRDS(ON) @ 25°C Guaranteed

• 3.0V/ 5.0V  TTL- / CMOS-Compatible Inputs

• PWM Frequencies up to 200 kHz

• Undervoltage Shutdown

• Cross-Conduction Suppression

• Low Power Consumption

• Pb-Free Packaging Designated by Suffix Codes EV and EP




Similar Part No. - 17511A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
17511A FREESCALE-17511A Datasheet
222Kb / 16P
1.0 A 6.8 V H-Bridge Motor Driver IC
More results


Similar Description - 17511A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17510EJ MOTOROLA-MPC17510EJ Datasheet
490Kb / 12P
1.2 A 15 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
MPC17517 FREESCALE-MPC17517 Datasheet
489Kb / 12P
1.0 A 6.8 V Dual Motor Driver IC
17510 FREESCALE-17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
17511A FREESCALE-17511A Datasheet
222Kb / 16P
1.0 A 6.8 V H-Bridge Motor Driver IC
17517 FREESCALE-17517 Datasheet
393Kb / 14P
1.0 A 6.8 V Dual Motor Driver IC
17533 FREESCALE-17533 Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74HC670 RENESAS-HD74HC670 Datasheet
106Kb / 9P
1.0 A 6.8 V H-Bridge Motor Driver IC
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
H-BRIDGE MOTOR DRIVER IC
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com