Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17517 Datasheet (PDF) - Freescale Semiconductor, Inc

17517 Datasheet PDF - Freescale Semiconductor, Inc
Part # 17517
Download  17517 Download
File Size   393.08 Kbytes
Page   14 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 1.0 A 6.8 V Dual Motor Driver IC

17517 Datasheet (PDF)

Go To PDF Page Download Datasheet
17517 Datasheet PDF - Freescale Semiconductor, Inc

Part # 17517
Download  17517 Click to download

File Size   393.08 Kbytes
Page   14 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 1.0 A 6.8 V Dual Motor Driver IC

17517 Datasheet (HTML) - Freescale Semiconductor, Inc


17517 Product details

The 17517 is a monolithic triple totem-pole-output power IC designed to be used in portable electronic applications to control small DC motors and solenoids. The 17517 can operate efficiently with supply voltages as low as 2.0 V to as high as 6.8 V. Its low RDS(ON) totem-pole output MOSFETs (0.46 Ω typical) can provide continuous drive currents of 1.0 A and handle peak currents up to 3.0 A. It is easily interfaced to low-cost MCUs via parallel 3.0 V- or 5.0 V-compatible logic. The device can be pulse width modulated (PWM-ed) at up to 200 kHz.

Features
• 2.0 V to 6.8 V Continuous Operation
• Output Current 1.0 A (DC), 3.0 A (Peak)
• MOSFETs < 600 mΩ RDS(ON) @ 25°C Guaranteed
• 3.0 V/5.0 V TTL-/CMOS-Compatible Inputs
• PWM Frequencies up to 200 kHz
• Undervoltage Shutdown




Similar Part No. - 17517

ManufacturerPart #DatasheetDescription
logo
Volex plc.
17517 VOLEX-17517 Datasheet
83Kb / 2P
3 conductor plastic original equipment cords
logo
PHOENIX CONTACT
1751707 PHOENIX-1751707 Datasheet
41Kb / 2P
Printed-circuit board connector - ZEC 1,0/10-LPV-3,5 GY35AUC2CI1
logo
List of Unclassifed Man...
1751710B1 ETC2-1751710B1 Datasheet
57Kb / 2P
CORDSET
logo
PHOENIX CONTACT
1751723 PHOENIX-1751723 Datasheet
239Kb / 8P
ZFKDSA 1-V-3,81- 3 - PCB terminal block
logo
ERNI Electronics
175173 ERNI-175173 Datasheet
42Kb / 1P
MaxiBridge Standardkabelkonfektionen
More results


Similar Description - 17517

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17510EJ MOTOROLA-MPC17510EJ Datasheet
490Kb / 12P
1.2 A 15 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
MPC17517 FREESCALE-MPC17517 Datasheet
489Kb / 12P
1.0 A 6.8 V Dual Motor Driver IC
MPC17C724 FREESCALE-MPC17C724 Datasheet
839Kb / 13P
0.4 A Dual H-Bridge Motor Driver IC
17511A FREESCALE-17511A Datasheet
222Kb / 16P
1.0 A 6.8 V H-Bridge Motor Driver IC
17533 FREESCALE-17533 Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74HC670 RENESAS-HD74HC670 Datasheet
106Kb / 9P
1.0 A 6.8 V H-Bridge Motor Driver IC
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
0.4 A Dual H-Bridge Motor Driver IC
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com