Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17517 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 17517
Description  1.0 A 6.8 V Dual Motor Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17517 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  17517 Datasheet HTML 1Page - Freescale Semiconductor, Inc 17517 Datasheet HTML 2Page - Freescale Semiconductor, Inc 17517 Datasheet HTML 3Page - Freescale Semiconductor, Inc 17517 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17517 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17517 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17517 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17517 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17517 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Document Number: MPC17517
Rev. 2.0, 7/2006
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
1.0 A 6.8 V Dual Motor Driver IC
The 17517 is a monolithic triple totem-pole-output power IC
designed to be used in portable electronic applications to control
small DC motors and solenoids. The 17517 can operate efficiently
with supply voltages as low as 2.0 V to as high as 6.8 V. Its low
RDS(ON) totem-pole output MOSFETs (0.46 Ω typical) can provide
continuous drive currents of 1.0 A and handle peak currents up to
3.0 A. It is easily interfaced to low-cost MCUs via parallel 3.0 V- or
5.0 V-compatible logic. The device can be pulse width modulated
(PWM-ed) at up to 200 kHz.
The 17517 can drive two motors in two directions one at a time or
drive one motor in two directions and one solenoid with synchronous
rectification of freewheeling currents one at a time. Two-motor
operation is accomplished by hooking one motor between OUTA and
OUTB and hooking the other motor between OUTB and OUTC. Motor
plus solenoid operation is accomplished by hooking a motor between
OUTA and OUTB and a solenoid between OUTC and GND.
This device contains an integrated charge pump and level shifter
(for gate drive voltages), integrated shoot-through current protection
(cross-conduction suppression logic and timing), and undervoltage
detection and shutdown circuitry.
The 17517 has four operating modes: Forward, Reverse, Brake,
and Tri-Stated (High Impedance).
Features
•2.0 V to 6.8 V Continuous Operation
• Output Current 1.0 A (DC), 3.0 A (Peak)
•MOSFETs < 600 m
Ω RDS(ON) @ 25°C Guaranteed
•3.0 V/5.0 V TTL-/CMOS-Compatible Inputs
• PWM Frequencies up to 200 kHz
• Undervoltage Shutdown
Figure 1. 17517 Simplified Application Diagram
DUAL MOTOR DRIVER
DTB SUFFIX
98ASH70247A
16-PIN TSSOP
17517
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MPC17517DTB/R2
-20°C to 65°C
16 TSSOP
VDD
Cres
C1L
C1H
C2L
C2H
IN2
IN1
EN1
OUTB
OUTA
OUTC
VM
GND
Solenoid
MCU
EN2
MOTOR
5.0 V
5.0 V
17517


Similar Part No. - 17517

ManufacturerPart #DatasheetDescription
logo
Volex plc.
17517 VOLEX-17517 Datasheet
83Kb / 2P
3 conductor plastic original equipment cords
logo
PHOENIX CONTACT
1751707 PHOENIX-1751707 Datasheet
41Kb / 2P
Printed-circuit board connector - ZEC 1,0/10-LPV-3,5 GY35AUC2CI1
logo
List of Unclassifed Man...
1751710B1 ETC2-1751710B1 Datasheet
57Kb / 2P
CORDSET
logo
PHOENIX CONTACT
1751723 PHOENIX-1751723 Datasheet
239Kb / 8P
ZFKDSA 1-V-3,81- 3 - PCB terminal block
logo
ERNI Electronics
175173 ERNI-175173 Datasheet
42Kb / 1P
MaxiBridge Standardkabelkonfektionen
More results

Similar Description - 17517

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17510EJ MOTOROLA-MPC17510EJ Datasheet
490Kb / 12P
1.2 A 15 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
MPC17517 FREESCALE-MPC17517 Datasheet
489Kb / 12P
1.0 A 6.8 V Dual Motor Driver IC
MPC17C724 FREESCALE-MPC17C724 Datasheet
839Kb / 13P
0.4 A Dual H-Bridge Motor Driver IC
17511A FREESCALE-17511A Datasheet
222Kb / 16P
1.0 A 6.8 V H-Bridge Motor Driver IC
17533 FREESCALE-17533 Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74HC670 RENESAS-HD74HC670 Datasheet
106Kb / 9P
1.0 A 6.8 V H-Bridge Motor Driver IC
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
0.4 A Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com