Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17517 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 17517
Description  1.0 A 6.8 V Dual Motor Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17517 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 17517 Datasheet HTML 2Page - Freescale Semiconductor, Inc 17517 Datasheet HTML 3Page - Freescale Semiconductor, Inc 17517 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17517 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17517 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17517 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17517 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17517 Datasheet HTML 9Page - Freescale Semiconductor, Inc 17517 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
17517
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions TA = 25°C, VDD = VM = 5.0 V, GND = 0 V unless otherwise noted. Typical values noted
reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT (IN1, IN2, EN1, EN2)
Pulse Input Frequency
fIN
200
kHz
Input Pulse Rise Time (11)
tR
1.0 (12)
µs
Input Pulse Fall Time (13)
tF
1.0 (12)
µs
OUTPUT
Propagation Delay Time
Turn-ON Time
Turn-OFF Time
tPLH
tPHL
0.1
0.1
0.5
0.5
µs
Charge Pump Wake-Up Time (14)
tVGON
0.1
3.0
ms
Low-Voltage Detection Time
t
VDDDET
10
ms
Notes
11.
Time is defined between 10% and 90%.
12.
That is, the input waveform slope must be steeper than this.
13.
Time is defined between 90% and 10%.
14.
When C1 = C2 = C3 = 0.1
µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com