Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17511A Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 17511A
Description  1.0 A 6.8 V H-Bridge Motor Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17511A Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 17511A Datasheet HTML 3Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 4Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 5Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 6Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 7Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 8Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 9Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 10Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
17511A
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions TA = 25°C, VM = VDD = 5.0V, GND = 0V unless otherwise noted. Typical values noted
reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT (EN, IN1, IN2, GIN)
Pulse Input Frequency
fIN
–
–
200
kHz
Input Pulse Rise Time (13)
tR
–
–
1.0 (14)
μs
Input Pulse Fall Time (15)
tF
–
–
1.0 (14)
μs
OUTPUT
Propagation Delay Time
Turn-ON Time
Turn-OFF Time
tPLH
tPHL
–
–
0.55
0.55
1.0
1.0
μs
GOUT Propagation Delay Time
Turn-ON Time
Turn-OFF Time
tSON
tSOFF
–
–
0.15
0.15
0.5
0.5
μs
Charge Pump Circuit (16)
Rise Time (17)
tVCRESON
–0.1
3.0
ms
Low-Voltage Detection Time
t
VDDDET
––
10
ms
Notes
13.
Time is defined between 10% and 90%.
14.
That is, the input waveform slope must be steeper than this.
15.
Time is defined between 90% and 10%.
16.
When C1 = C2 = C3 = 0.1
μF.
17.
Time to charge CRES to 11V after application of VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com