Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17511A Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 17511A
Description  1.0 A 6.8 V H-Bridge Motor Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17511A Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 17511A Datasheet HTML 2Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 3Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 4Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 5Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 6Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 7Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 8Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 9Page - Freescale Semiconductor, Inc 17511A Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
17511A
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions TA = 25°C, VM = VDD = 5.0V, GND = 0V unless otherwise noted. Typical values noted
reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER
Driver Circuit Power Supply Voltage
VM
2.0
5.0
6.8
V
Logic Supply Voltage
VDD
2.7
5.0
5.7
V
Capacitor for Charge Pump
C1, C2, C3
0.01
0.1
1.0
μF
Standby Power Supply Current
Motor Supply Standby Current
Logic Supply Standby Current (8)
IV
MSTBY
IV
DDSTBY
–
–
–
–
1.0
1.0
μA
mA
Operating Power Supply Current
Logic Supply Current (9)
Charge Pump Circuit Supply Current
IV
DD
IC
RES
–
–
–
–
3.0
0.7
mA
mA
Low VDD Detection Voltage (10)
VDDDET
1.5
2.0
2.5
V
Driver Output ON Resistance (11)
RDS(ON)
–
0.46
0.60
Ω
GATE DRIVE
Gate Drive Voltage (12)
No Current Load
VC
RES
12
13
13.5
V
Gate Drive Ability (Internally Supplied)
IC
RES = -1.0 mA
VC
RESLOAD
10
11.2
–
V
Gate Drive Output
IOUT = -50 μA
lIN = 50 μA
VGOUTHIGH
VGOUTLOW
VC
RES-0.5
LGND
VC
RES-0.1
LGND+0.1
VC
RES
LGND+0.5
V
CONTROL LOGIC
Logic Input Voltage
VIN
0–
VDD
V
Logic Input Function (2.7V < VDD < 5.7V)
High-Level Input Voltage
Low-Level Input Voltage
High-Level Input Current
Low-Level Input Current
VIH
VIL
IIH
IIL
VDD x 0.7
–
–
-1.0
–
–
–
–
–
VDD x 0.3
1.0
–
V
V
μA
μA
Pull-Up Resistance (EN, GIN)
RPU
50
100
200
k
Ω
Notes
8.
IV
DDSTBY includes current to the predriver circuit.
9.
IV
DD includes current to the predriver circuit.
10.
Detection voltage is defined as when the output becomes high-impedance after VDD drops below the detection threshold. When the
gate voltage VCRES is applied from an external source,
VC
RES = 7.5V.
11.
IO = 1.0A source + sink.
12.
Input logic signal not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com