Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST20 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SST20
Description  20A TRIACs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SST20 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SST20 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SST20 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SST20 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SST20 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SST20 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD SST20 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data
Data Sheet N2166, Rev.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SST20 Series
SST20 Series 20A TRIACs
Circuit Diagram
Description
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Storage junction temperature range
Tstg
-
-40-150
℃
Operating junction temperature range
Tj
-
-40-125
℃
Repetitive peak off-state voltage(Tj=25℃)
VDRM
-
600/800
V
Repetitive peak reverse voltage(Tj=25℃)
VRRM
-
600/800
V
Non repetitive surge peak Off-state voltage
VDSM
-
VDRM +100
V
Non repetitive peak reverse voltage
VRSM
-
VRRM +100
V
RMS on-state current
I(TRMS)
TO-220A(Ins)(TC=70℃)
20
A
TO-220C(TC=90℃)
Non repetitive surge peak on-state current
(full cycle, F=50Hz)
ITSM
-
200
A
I2t value for fusing (tp=10ms)
I2t
-
200
A2s
Critical rate of rise of on-state current
(IG=2×IGT)
dI/dt
-
100
A/μs
Peak gate current
IGM
-
4
A
Average gate power dissipation
PG(AV)
-
1
W
Peak gate power
PGM
-
10
W
With high ability to withstand the shock loading of large current,SST20 series triacs provide high dv/dt rate with strong
resistance to electromagnetic interface. With high commutation performances, 3 quadrants products especially
recommended for use on inductive load.
TO-220C
TO-220A(Ins)


Similar Part No. - SST20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SST200 VISHAY-SST200 Datasheet
39Kb / 4P
N-Channel JFETs
15-Apr-02
SST200A VISHAY-SST200A Datasheet
39Kb / 4P
N-Channel JFETs
15-Apr-02
logo
Calogic, LLC
SST201 CALOGIC-SST201 Datasheet
20Kb / 1P
N-Channel JFET General Purpose Amplifier
logo
Linear Integrated Syste...
SST201 LINEAR-SST201 Datasheet
203Kb / 2P
HIGH GAIN N-CHANNEL JFET
logo
Vishay Siliconix
SST201 VISHAY-SST201 Datasheet
71Kb / 5P
N-Channel JFETs
15-Mar-04
More results

Similar Description - SST20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA20 STMICROELECTRONICS-BTA20 Datasheet
83Kb / 6P
20A TRIACS
08-Feb-2006
logo
JIEJIE MICROELECTRONICS...
BTA20 JIEJIE-BTA20 Datasheet
506Kb / 4P
20A TRIACs
logo
Nell Semiconductor Co.,...
20T06A-BW NELLSEMI-20T06A-BW Datasheet
1Mb / 5P
TRIACs, 20A Sunbberless
logo
Unisonic Technologies
BTB20 UTC-BTB20 Datasheet
136Kb / 3P
20A TRIACS
BTA20A UTC-BTA20A Datasheet
166Kb / 3P
20A TRIACS
logo
Kersemi Electronic Co.,...
BTA20-700C KERSEMI-BTA20-700C Datasheet
897Kb / 4P
20A TRIACS
BTA20-800B KERSEMI-BTA20-800B Datasheet
897Kb / 4P
20A TRIACS
logo
Unisonic Technologies
BTB20A UTC-BTB20A Datasheet
165Kb / 3P
20A TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
logo
Shindengen Electric Mfg...
KD20SF60 SHINDENGEN-KD20SF60 Datasheet
1Mb / 8P
TRIACs 600V, 20A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com