Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF1570T1 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MRF1570T1
Description  RF Power Field Effect Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF1570T1 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MRF1570T1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 15Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 16Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MRF1570T1 MRF1570FT1
13
RF Device Data
Freescale Semiconductor
APPLICATIONS INFORMATION
DESIGN CONSIDERATIONS
This device is a common-source, RF power, N-Channel
enhancement mode, Lateral Metal -Oxide Semiconductor
Field -Effect Transistor (MOSFET). Freescale Application
Note AN211A, “FETs in Theory and Practice”, is suggested
reading for those not familiar with the construction and char-
acteristics of FETs.
This surface mount packaged device was designed pri-
marily for VHF and UHF mobile power amplifier applications.
Manufacturability is improved by utilizing the tape and reel
capability for fully automated pick and placement of parts.
However, care should be taken in the design process to in-
sure proper heat sinking of the device.
The major advantages of Lateral RF power MOSFETs in-
clude high gain, simple bias systems, relative immunity from
thermal runaway, and the ability to withstand severely mis-
matched loads without suffering damage.
MOSFET CAPACITANCES
The physical structure of a MOSFET results in capacitors
between all three terminals. The metal oxide gate structure
determines the capacitors from gate -to -drain (Cgd), and
gate-to-source (Cgs). The PN junction formed during fab-
rication of the RF MOSFET results in a junction capacitance
from drain-to-source (Cds). These capacitances are charac-
terized as input (Ciss), output (Coss) and reverse transfer
(Crss) capacitances on data sheets. The relationships be-
tween the inter-terminal capacitances and those given on
data sheets are shown below. The Ciss can be specified in
two ways:
1. Drain shorted to source and positive voltage at the gate.
2. Positive voltage of the drain in respect to source and zero
volts at the gate.
In the latter case, the numbers are lower. However, neither
method represents the actual operating conditions in RF ap-
plications.
Drain
Cds
Source
Gate
Cgd
Cgs
Ciss = Cgd + Cgs
Coss = Cgd + Cds
Crss = Cgd
DRAIN CHARACTERISTICS
One critical figure of merit for a FET is its static resistance
in the full-on condition. This on-resistance, RDS(on), occurs
in the linear region of the output characteristic and is speci-
fied at a specific gate-source voltage and drain current. The
drain - source voltage under these conditions is termed
VDS(on). For MOSFETs, VDS(on) has a positive temperature
coefficient at high temperatures because it contributes to the
power dissipation within the device.
BVDSS values for this device are higher than normally re-
quired for typical applications. Measurement of BVDSS is not
recommended and may result in possible damage to the de-
vice.
GATE CHARACTERISTICS
The gate of the RF MOSFET is a polysilicon material, and
is electrically isolated from the source by a layer of oxide.
The DC input resistance is very high - on the order of 109 Ω
— resulting in a leakage current of a few nanoamperes.
Gate control is achieved by applying a positive voltage to
the gate greater than the gate-to-source threshold voltage,
VGS(th).
Gate Voltage Rating — Never exceed the gate voltage
rating. Exceeding the rated VGS can result in permanent
damage to the oxide layer in the gate region.
Gate Termination — The gates of these devices are es-
sentially capacitors. Circuits that leave the gate open-cir-
cuited or floating should be avoided. These conditions can
result in turn-on of the devices due to voltage build-up on
the input capacitor due to leakage currents or pickup.
Gate Protection — These devices do not have an internal
monolithic zener diode from gate-to-source. If gate protec-
tion is required, an external zener diode is recommended.
Using a resistor to keep the gate-to-source impedance low
also helps dampen transients and serves another important
function. Voltage transients on the drain can be coupled to
the gate through the parasitic gate-drain capacitance. If the
gate-to-source impedance and the rate of voltage change
on the drain are both high, then the signal coupled to the gate
may be large enough to exceed the gate-threshold voltage
and turn the device on.
DC BIAS
Since this device is an enhancement mode FET, drain cur-
rent flows only when the gate is at a higher potential than the
source. RF power FETs operate optimally with a quiescent
drain current (IDQ), whose value is application dependent.
This device was characterized at IDQ = 800 mA, which is the
suggested value of bias current for typical applications. For
special applications such as linear amplification, IDQ may
have to be selected to optimize the critical parameters.
The gate is a dc open circuit and draws no current. There-
fore, the gate bias circuit may generally be just a simple re-
sistive divider network. Some special applications may
require a more elaborate bias system.
GAIN CONTROL
Power output of this device may be controlled to some de-
gree with a low power dc control signal applied to the gate,
thus facilitating applications such as manual gain control,
ALC/AGC and modulation systems. This characteristic is
very dependent on frequency and load line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com