Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF1570T1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF1570T1
Description  RF Power Field Effect Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF1570T1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF1570T1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
RF Device Data
Freescale Semiconductor
MRF1570T1 MRF1570FT1
Table 5. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
IDSS
—
—
1
μA
On Characteristics
Gate Threshold Voltage
(VDS = 12.5 Vdc, ID = 0.8 mAdc)
VGS(th)
1.0
—
3
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 2.0 Adc)
VDS(on)
—
—
1
Vdc
Dynamic Characteristics
Input Capacitance (Includes Input Matching Capacitance)
(VDS = 12.5 Vdc, VGS = 0 V, f = 1 MHz)
Ciss
—
—
500
pF
Output Capacitance
(VDS = 12.5 Vdc, VGS = 0 V, f = 1 MHz)
Coss
—
—
250
pF
Reverse Transfer Capacitance
(VDS = 12.5 Vdc, VGS = 0 V, f = 1 MHz)
Crss
—
—
35
pF
RF Characteristics (In Freescale Test Fixture)
Common-Source Amplifier Power Gain
(VDD = 12.5 Vdc, Pout = 70 W, IDQ = 800 mA)
f = 470 MHz
Gps
10
—
—
dB
Drain Efficiency
(VDD = 12.5 Vdc, Pout = 70 W, IDQ = 800 mA)
f = 470 MHz
η
50
—
—
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com