Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS7 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MS7
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MS7 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MS7 Datasheet HTML 1Page - RUBYCON CORPORATION MS7 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
85
0C 7mm Height.
FEATURES
•
RoHS compliance.
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
MS7
SERIES
MS7
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
4 ∼ 63V.DC
I
=0.01CV or 3 µ A whichever is greater.
(After 2 minutes application of rated voltage)
0.35
4
0.24
6.3
0.20
10
0.17
16
0.15
25
0.13
35
0.10
50
0.10
63
15
4
10
6.3
8
10
6
16
4
25
4
35
4
7433222
50
4
2
63
Leakage Current
Dissipation Factor
Capacitance Change
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 1000 hrs at 85°C, the capacitors shall meet the following requirements.
60(50) 120
500
0.50
1.0
1.20
1.30
1.50
0.65
1.0
1.20
1.30
1.50
0.8
1.0
1.20
1.30
1.50
0.8
0.1 ∼ 1 µ F
2.2 ∼ 4.7 µ F
10 ∼ 47 µ F
100 ∼ 470 µ F
1.0
1.10
1.15
1.20
SPECIFICATIONS
MULTIPLIER FOR RIPPLE CURRENT
Frequency coefficient
MS7
Series
D × L
Case Size
Rated Voltage
Option
Lead Forming
Rated Capacitance
Capacitance Tolerance
PART NUMBER
Rated Voltage
(V)
(20°C, 120Hz)
(120Hz)
Rated Voltage
(V)
Frequency
(Hz)
Coefficient
Dissipation Factor(MAX)
(tanδ)
I
=Leakage Current( µ A)
C=Rated Capacitance( µ F)
V=Rated Voltage(V)
-40 ∼ +85°C
20% (20°C, 120Hz)
+
-
tanδ
Within
20% of the initial value.
+
-
Z(
-25°C) /Z(20°C)
Z(
-40°C) /Z(20°C)
1k
10k<
=


Similar Part No. - MS7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS7 ETC1-MS7 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
logo
Bel Fuse Inc.
MS7 BEL-MS7 Datasheet
385Kb / 2P
Slow Blow Micro Fuse
MS7 BEL-MS7 Datasheet
1Mb / 4P
TYPE MS SLOW BLOW MICRO FUSE
logo
Bruckewell Technology L...
MS70N03 BWTECH-MS70N03 Datasheet
770Kb / 5P
P-Channel 30-V (D-S) MOSFET
logo
Molex Electronics Ltd.
MS716603030 MOLEX2-MS716603030 Datasheet
158Kb / 3P
30CKT EBBI VT IDT RECPT MS716603030
More results

Similar Description - MS7

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com