Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS7 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # MS7
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MS7 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  MS7 Datasheet HTML 1Page - RUBYCON CORPORATION MS7 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
MS7
WV(V.DC)
WV(V.DC)
DIMENSIONS
(mm)
F
0.45
4
1.5
5
2.0
6.3
8
2.5
3.5
4
(0G)
Size
Ripple
6.3
(0J)
Size
Ripple
10
(1A)
Size
Ripple
16
(1C)
Size
Ripple
10
22
33
47
100
220
330
470
28
42
38
46
62
73
110
145
66
99
165
210
42
50
87
133
180
34
165
33
39
65
110
190
25
(1E)
Size
Ripple
35
(1V)
Size
Ripple
50
(1H)
Size
Ripple
63
(1J)
Size
Ripple
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
1.3
3.0
4.4
6.3
12
16
24
1.3
3.0
4.4
6.3
12
16
19
33
24
42
64
75
85
45
21
31
55
66
80
115
18
22
32
60
73
95
4 × 7
4 × 7
4 × 7
4 × 7
5 × 7
5 × 7
6.3 × 7
8 × 7
5 × 7
6.3 × 7
8 × 7
8 × 7
4 × 7
4 × 7
5 × 7
6.3 × 7
8 × 7
4 × 7
8 × 7
4 × 7
4 × 7
5 × 7
6.3 × 7
8 × 7
4 × 7
4 × 7
4 × 7
4 × 7
4 × 7
4 × 7
5 × 7
4 × 7
4 × 7
6.3 × 7
4 × 7
4 × 7
4 × 7
4 × 7
4 × 7
4 × 7
5 × 7
6.3 × 7
8 × 7
8 × 7
6.3 × 7
4 × 7
4 × 7
5 × 7
6.3 × 7
6.3 × 7
8 × 7
4 × 7
4 × 7
5 × 7
6.3 × 7
6.3 × 7
8 × 7
8 × 7
115
STANDARD SIZE, RATED RIPPLE CURRENT
Size φ D×L(mm), Ripple Current (mA r.m.s./85°C, 120Hz)
Cap (µF)
15MIN
4MIN
SLEEVE
L
+1MAX
φ d
φD
+0.5MAX
φ D
φ d
Cap (µF)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com