Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F826 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # DSP56F826
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F826 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button DSP56F826 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
DC Electrical Characteristics
56F826 Technical Data, Rev. 14
Freescale Semiconductor
21
3.2 DC Electrical Characteristics
Table 3-4 DC Electrical Characteristics
Operating Conditions: VSSIO=VSS = VSSA = 0V, VDDA =VDDIO=3.0–3.6V, VDD = 2.25–2.75V, TA = –40° to +85°C, CL ≤ 50pF, fop = 80MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Input high voltage (XTAL/EXTAL)
VIHC
2.25
—
3.6
V
Input low voltage (XTAL/EXTAL)
VILC
0—
0.5
V
Input high voltage (Schmitt trigger inputs)1
VIHS
2.2
—
5.5
V
Input low voltage (Schmitt trigger inputs)1
VILS
-0.3
—
0.8
V
Input high voltage (all other digital inputs)
VIH
2.0
—
5.5
V
Input low voltage (all other digital inputs)
VIL
-0.3
—
0.8
V
Input current high (pull-up/pull-down resistors disabled,
VIN=VDD)
IIH
-1
—
1
μA
Input current low (pull-up/pull-down resistors disabled,
VIN=VSS)
IIL
-1
—
1
μA
Input current high (with pull-up resistor, VIN=VDD)IIHPU
-1
—
1
μA
Input current low (with pull-up resistor, VIN=VSS)IILPU
-210
—
-50
μA
Input current high (with pull-down resistor, VIN=VDD)IIHPD
20
—
180
μA
Input current low (with pull-down resistor, VIN=VSS)IILPD
-1
—
1
μA
Nominal pull-up or pull-down resistor value
RPU, RPD
30
K
Ω
Output tri-state current low
IOZL
-10
—
10
μA
Output tri-state current high
IOZH
-10
—
10
μA
Input current high (analog inputs, VIN=VDDA)2
IIHA
-15
—
15
μA
Input current low (analog inputs, VIN=VSSA)2
IILA
-15
—
15
μA
Output High Voltage (at IOH)
VOH
VDD – 0.7
—
—
V
Output Low Voltage (at IOL)
VOL
——
0.4
V
Output source current
IOH
4—
—
mA
Output sink current
IOL
4—
—
mA
PWM pin output source current3
IOHP
10
—
—
mA
PWM pin output sink current4
IOLP
16
—
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com