Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56364P Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # DSP56364P
Description  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364P Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button DSP56364P Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 148 page
background image
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
A-7
5.90V
-43.473m
-25.585m
-67.815m
6.00V
-44.095m
-25.983m
-68.711m
6.10V
-44.769m
-26.415m
-69.678m
6.20V
-45.498m
-26.884m
-70.721m
6.30V
-46.287m
-27.390m
-71.848m
6.40V
-47.140m
-27.929m
-73.065m
6.50V
-48.049m
-28.487m
-74.374m
6.60V
-48.990m
-29.080m
-75.748m
|
[GND_clamp]
|
|Voltage
I(typ)
I(min)
I(max)
|
-3.30V
-1.875
-1.074
-2.155
-3.20V
-1.793
-1.029
-2.059
-3.10V
-1.711 -983.765m
-1.963
-2.90V
-1.548 -893.931m
-1.771
-2.80V
-1.466 -849.071m
-1.675
-2.70V
-1.385 -804.256m
-1.579
-2.60V
-1.303 -759.489m
-1.483
-2.50V
-1.221 -714.777m
-1.388
-2.40V
-1.140 -670.127m
-1.292
-2.30V
-1.059 -625.548m
-1.197
-2.20V
-977.735m -581.048m
-1.102
-2.10V
-896.773m -536.642m
-1.007
-1.90V
-735.446m -448.177m -817.634m
-1.80V
-655.171m -404.164m -723.409m
-1.70V
-575.242m -360.342m -629.587m
-1.60V
-495.760m -316.758m -536.295m
-1.50V
-416.878m -273.482m -443.730m
-1.40V
-338.839m -230.618m -352.222m
-1.30V
-262.067m -188.327m -262.384m
-1.20V
-187.395m -146.891m -175.533m
-1.10V
-116.756m -106.839m
-95.231m
-0.90V
-16.024m
-37.029m
-6.612m
-0.80V
-2.254m
-14.319m
-2.370m
-0.70V
-476.015u
-2.883m -845.181u
-0.60V
-85.877u -295.354u -147.930u
-0.50V
-8.033u
-33.637u
-9.999u
-0.40V
-432.304n
-3.576u -310.975n
-0.30V
-20.874n -340.944n
-8.593n
-0.20V
-964.564p
-30.895n -258.649p
-0.10V
-72.583p
-2.560n
-43.910p
0.00V
-33.685p -210.508p
-34.610p
0.10V
-27.665p
-30.628p
-29.748p
0.20V
-22.754p
13.546p
-25.110p
0.30V
-18.303p
48.356p
-20.906p
0.40V
-14.129p
81.869p
-16.971p
0.50V
-9.979p
114.849p
-13.050p
0.60V
-5.833p
147.499p
-9.130p
0.70V
-1.689p
179.924p
-5.210p
0.80V
2.454p
212.188p
-1.291p
0.90V
6.596p
244.335p
2.628p
1.10V
14.877p
308.388p
10.466p
1.20V
19.017p
340.335p
14.384p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com