Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56371 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # DSP56371
Description  high density CMOS device
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56371 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button DSP56371 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 68Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
Electrical Design Considerations
DSP56371 Data Sheet, Rev. 4.1
Freescale Semiconductor
65
•
At power-up, ensure that the voltage difference between the 3.3 V tolerant pins and the chip VCC
never exceeds a 3.00 V.
21.1 Power Consumption Considerations
Power dissipation is a key issue in portable DSP applications. Some of the factors which affect current
consumption are described in this section. Most of the current consumed by CMOS devices is alternating
current (ac), which is charging and discharging the capacitances of the pins and internal nodes.
Current consumption is described by the following formula:
Eqn. 6
where
C=node/pin capacitance
V=voltage swing
f=frequency of node/pin toggle
The maximum internal current (ICCImax) value reflects the typical possible switching of the internal buses
on best-case operation conditions, which is not necessarily a real application case. The typical internal
current (ICCItyp) value reflects the average switching of the internal buses on typical operating conditions.
For applications that require very low current consumption, do the following:
•
Minimize the number of pins that are switching.
•
Minimize the capacitive load on the pins.
One way to evaluate power consumption is to use a current per MIPS measurement methodology to
minimize specific board effects (for example, to compensate for measured board current not caused by the
DSP). Use the test algorithm, specific test current measurements, and the following equation to derive the
current per MIPS value.
I/MIPS = I/MHz = (ItypF2 - ItypF1)/(F2 - F1)
Eqn. 8
where :
ItypF2=current at F2
ItypF1=current at F1
F2=high frequency (any specified operating frequency)
F1=low frequency (any specified operating frequency lower than F2)
NOTE
F1 should be significantly less than F2. For example, F2 could be 66 MHz and F1 could be
33 MHz. The degree of difference between F1 and F2 determines the amount of precision
with which the current rating can be determined for an application.
Power Consumption Example
For a GPIO address pin loaded with 50 pF capacitance, operating at 3.3 V, and with a 150 MHz clock, toggling at
its maximum possible rate (75 MHz), the current consumption is
Eqn. 7
IC
V
×
f
×
=
I
50x10 12
–
x
3.3x75x106
12.375mA
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com