Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56371 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # DSP56371
Description  high density CMOS device
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56371 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button DSP56371 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56371 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Signal/Connection Descriptions
DSP56371 Data Sheet, Rev. 4.1
Freescale Semiconductor
13
3.2
Power
Figure 3. VDD Connections
Table 2. Power Inputs
Power Name
Description
PLLA_VDD (1)
PLLP_VDD(1)
PLL Power— The voltage (3.3 V) should be well-regulated and the input should be provided with an
extremely low impedance path to the 3.3 VDD power rail. The user must provide adequate external
decoupling capacitors.
PLLD_VDD (1)
PLL Power— The voltage (1.25 V) should be well-regulated and the input should be provided with
an extremely low impedance path to the 1.25 VDD power rail. The user must provide adequate
external decoupling capacitors.
CORE_VDD (4) Core Power—The voltage (1.25 V) should be well-regulated and the input should be provided with
an extremely low impedance path to the 1.25 VDD power rail. The user must provide adequate
decoupling capacitors.
IO_VDD (5)
SHI, ESAI, ESAI_1, DAX and Timer I/O Power —The voltage (3.3 V) should be well-regulated and
the input should be provided with an extremely low impedance path to the 3.3 VDD power rail. This
is an isolated power for the SHI, ESAI, ESAI_1, DAX and Timer I/O. The user must provide adequate
external decoupling capacitors.
60
FST_PE4
59
SDO5_SDI0_PE6
58
SDO4_SDI1_PE7
57
SDO3_SDI2_PE8
56
SDO2_SDI3_PE9
55
SDO1_PE10
54
SDO0_PE11
53
CORE_GND
52
CORE_VDD
51
MODB_IRQA
50
MODB_IRQB
49
MODC_IRQC
48
MODD_IRQD
47
RESET_B
46
PINIT_NMI
45
EXTAL
44
PLLD_VDD
43
PLLD_GND
42
PLLP_GND
41
PLLP_VDD
SDO5_SDI0_PC7
1
IO_GND
2
IO_VDD
3
SDO3_SDI2_PC8
4
SDO2_SDI3_PC9
5
SDO1_PC10
6
SDO0_PC11
7
CORE_VDD
8
PF8
9
PF6
10
PF7
11
CORE_GND
12
PF2
13
PF3
14
PF4
15
PF5
16
IO_VDD
17
PF1
18
PF0
19
IO_GND
20
ESAI
ESAI_1
DAX
Int/Mod
PLL
SHI
OnCE
Timer
GPIO
3.3V
1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com