Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56855 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 56855
Description  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56855 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 56855 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Supply Voltage Sequencing and Separation Cautions
56855 Technical Data, Rev. 6
Freescale Semiconductor
21
Figure 4-1 Maximum Run IDDTOTAL vs. Frequency (see Notes 1. and 5. in Table 4-4)
4.3 Supply Voltage Sequencing and Separation Cautions
Figure 4-2 shows two situations to avoid in sequencing the VDD and VDDIO, VDDA supplies.
5.
Running core and performing external memory access. Clock at 120 MHz.
6.
When VDD drops below VEI max value, an interrupt is generated.
7.
Power-on reset occurs whenever the digital supply drops below 1.8V. While power is ramping up, this signal remains active
for as long as the internal 2.5V is below 1.8V no matter how long the ramp up rate is. The internally regulated voltage is typically
100 mV less than VDD during ramp up until 2.5V is reached, at which time it self-regulates.
0
30
60
120
150
20
40
60
80
100
120
90
EMI Mode5
MAC Mode1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com