Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56855 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 56855
Description  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56855 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 56855 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Introduction
56855 Technical Data, Rev. 6
Freescale Semiconductor
13
59
D0
Input/Output(Z)
Data Bus (D0-D15)—These pins provide the bidirectional data for external
program or data memory accesses.
67
D1
68
D2
69
D3
70
D4
71
D5
79
D6
80
D7
81
D8
82
D9
83
D10
94
D11
95
D12
98
D13
99
D14
3RD
Output
Read Enable (RD)— is asserted during external memory read cycles.
This signal is pulled high during reset.
4WR
Output
Write Enable (WR) — is asserted during external memory write cycles.
This signal is pulled high during reset.
61
CS0
GPIOA0
Output
Input/Output
External Chip Select (CS0)—This pin is used as a dedicated GPIO.
Port A GPIO (0) —This pin is a General Purpose I/O (GPIO) pin when not
configured for host port usage.
62
CS1
GPIOA1
Output
Input/Output
External Chip Select (CS1)—This pin is used as a dedicated GPIO.
Port A GPIO (1) —This pin is a General Purpose I/O (GPIO) pin when not
configured for host port usage.
63
CS2
GPIOA2
Output
Input/Output
External Chip Select (CS2)—This pin is used as a dedicated GPIO.
Port A GPIO (2) —This pin is a General Purpose I/O (GPIO) pin when not
configured for host port usage.
Table 3-1. 56855 Signal and Package Information for the 100-pin LQFP (Continued)
Pin No.
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com