Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTF32 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MTF32
Description  Tuning Fork Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MTF32 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MTF32 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTF32 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The pulse of progress
Quartz Crystal • MTF32 • MMTF32 • SM26F
8.0+0.3/-0.2
10.0±1.0
anti-heating material
PC board
crystal
rubber glue paste
in mm
6.0+0.1/-0.2
7.5±1.0
in mm
6.0+0.1/-0.2
2.1±0.2
1.1±0.2
0.7±0.1
3.4
1.9
3.8
SM26F type A (1000 pcs per reel)
pad layout
in mm
6.0+0.1/-0.2
3.0±0.2
2.0±0.2
0.7±0.1
2.5
1.75
6.0
SM26F type B (1000 pcs per reel)
pad layout
in mm
Dimensions
tuning fork crystal - handling note
for through hole type
1. mounting: • if the crystal is mounted on board directly (orientation: lay down)
or fixed by metal parts, the body of the crystal will be heated up
• recommended mounting:
2. soldering: • pre-heating +130 °C ~ + 150 °C for 1 to 3 mintues
• soldering +230 °C ~ + 250 °C for 5 seconds maximum
3. cleaning:
• ultrasonic cleaning with organic solvents
• ultrasonic frequency should not be equal to the resonance
frequency of the crystal
4. handling:
• handle the crystal carefully, it cannot stand heavy shock
5. testing:
• if you test the whole board automatically do not apply pulse
to the crystal oscillator circuit, especially high pulse level can
break the crystal blank
MMTF32
MTF32
Jauch Quartz GmbH • Telephone: (+49) 77 20 / 9 45-0 • Telefax: (+49) 77 20 / 9 45-100 • Internet: www.jauch.de • e-mail: hcj@jauch.de • 08/2002



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com