Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTF32 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MTF32
Description  Tuning Fork Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MTF32 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MTF32 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTF32 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The pulse of progress
Quartz Crystal • JXE 63
General Data
The pulse of progress
Quartz Crystal • MTF
Features
s
three different package versions
s
surface mount version available
Tuning Fork Quartz Crystal
Order Information
Example: Q 0.032768-MTF32-12.5-20
Marking
Q
frequency
in MHz
type
load capacitance
in pF
stability at 25 °C
in ppm
Quartz
0.032768 MHz standard
15.0 ~ 150.0 kHz MTF32
28.0 ~ 80.0 kHz MMTF32
28.0 ~ 80.0 kHz SM26F
MTF32
MMTF32
SM26F
6 pF ~ 12,5 pF
± 20 ppm
± 10 ppm
T1= -40°C~+85°C
KDS 32.768 / date code ( month / year )
date code:
A ~ M: Jan.- Dec.
2: 2002 / 3: 2003
option
Frequency Stability vs. Temperature
- 80 ppm
- 160 ppm
•
•
-20 °C ~ +70 °C
STD.
-40 °C ~ +85 °CT1
• standard
MTF32
actual size
MTF32
32.768 kHz
(15.0 ~ 150.0 kHz)
± 10 ppm
± 20 ppm
10 pF
12.5 pF
f (ppm) = -0.036 ( 25°C -T* )2
-20°C ~ +70°C / -40°C ~ +85°C
1.3 pF typical
530 typical
30.0 kΩ
-40 °C ~ +90 °C
1 µW
< ± 5 ppm
MMTF32
32.768 kHz
(28.0 ~ 80.0 kHz)
± 10 ppm
± 20 ppm
10 pF
12.5 pF
f (ppm) = -0.036 ( 25°C -T* )2
-20°C ~ +70°C / -40°C ~ +85°C
1.1 pF typical
470 typical
30.0 kΩ
-40 °C ~ +90 °C
1 µW
< ± 5 ppm
SM26F
32.768 kHz
(28.0 ~ 80.0 kHz)
± 20 ppm
± 30 ppm
12.5 pF
12.5 pF
f (ppm) = -0.036 ( 25°C -T* )2
-20°C ~ +70°C / -40°C ~ +85°C
1.1 pF typical
570 typical
50.0 kΩ
-40 °C ~ +90 °C
1 µW
< ± 5 ppm
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
type
frequency
frequency tolerance at 25 °C
load capacitance CL
frequency temperature characteristic
operating tenperature range
shunt capacitance Co
ratio Co / C1
series resistance max. ( ESR )
storage temperature
drive level max.
aging first year
* T = requested temperature
MMTF32
SM26F
MMTF32
SM26F
MTF32
Jauch Quartz GmbH • Telephone: (+49) 77 20 / 9 45-0 • Telefax: (+49) 77 20 / 9 45-100 • Internet: www.jauch.de • e-mail: hcj@jauch.de • 08/2002


Similar Part No. - MTF32

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
MTF32 JAUCH-MTF32 Datasheet
89Kb / 1P
Quartz Crystal
More results

Similar Description - MTF32

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
32S12 PERICOM-32S12 Datasheet
235Kb / 2P
Tuning Fork Quartz Crystal 32.768 kHz Plastic SMD
logo
Vishay Siliconix
XT26T VISHAY-XT26T_07 Datasheet
91Kb / 3P
Tuning Fork Crystal
18-Oct-07
logo
Vanlong Technology Co.,...
WX26B VANLONG-WX26B Datasheet
39Kb / 1P
Tuning Fork Quartz Crystal
logo
Shenzhen Luguang Electr...
ZM-145 LUGUANG-ZM-145 Datasheet
273Kb / 1P
Tuning Fork Crystal
logo
CTS Corporation
TF202P32K7680 CTS-TF202P32K7680 Datasheet
188Kb / 3P
Tuning Fork Crystal
logo
Vanlong Technology Co.,...
WX26B VANLONG-WX26B_13 Datasheet
55Kb / 1P
Tuning Fork Quartz Crystal
WX-SERIES VANLONG-WX-SERIES Datasheet
42Kb / 1P
Tuning Fork Quartz Crystal
logo
New Japan Radio
NJU6229 NJRC-NJU6229 Datasheet
102Kb / 7P
32.768kHz output Tuning fork Quartz Crystal Oscillator IC
logo
Abracon Corporation
ABS07-120-32.768KHZ-T ABRACON-ABS07-120-32.768KHZ-T Datasheet
2Mb / 3P
TUNING FORK CRYSTAL
11.14.14
logo
Fox Electronics
KT26 FOX-KT26 Datasheet
335Kb / 4P
Tuning Fork Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com