Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1116 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPA1116
Description  0.3 GHz to 6 GHz, 39.5 dBm, GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1116 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPA1116 Datasheet HTML 9Page - Analog Devices ADPA1116 Datasheet HTML 10Page - Analog Devices ADPA1116 Datasheet HTML 11Page - Analog Devices ADPA1116 Datasheet HTML 12Page - Analog Devices ADPA1116 Datasheet HTML 13Page - Analog Devices ADPA1116 Datasheet HTML 14Page - Analog Devices ADPA1116 Datasheet HTML 15Page - Analog Devices ADPA1116 Datasheet HTML 16Page - Analog Devices ADPA1116 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
ADPA1116
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 17
Figure 44. IDQ vs. VGG1,
VDD = 28 V
Figure 45. Noise Figure vs. Frequency for Various Supply Voltages,
IDQ = 300 mA
Figure 46. Power Dissipation vs. Input Power for Various Frequencies,
TCASE = 85°C, VDD = 28 V, IDQ = 300 mA
Figure 47. Noise Figure vs. Frequency for Various Temperatures,
VDD = 28 V, IDQ = 300 mA
Figure 48. Noise Figure vs. Frequency for Various IDQ Values,
VDD = 28 V
Figure 49. Gate Current vs. Input Power for Various Frequencies,
VDD = 28 V, IDQ = 300 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com