Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1116 Datasheet (PDF) - Analog Devices

ADPA1116 Datasheet PDF - Analog Devices
Part # ADPA1116
Download  ADPA1116 Download
File Size   963.47 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.3 GHz to 6 GHz, 39.5 dBm, GaN Power Amplifier

ADPA1116 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPA1116 Datasheet PDF - Analog Devices

Part # ADPA1116
Download  ADPA1116 Click to download

File Size   963.47 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.3 GHz to 6 GHz, 39.5 dBm, GaN Power Amplifier

ADPA1116 Datasheet (HTML) - Analog Devices


ADPA1116 Product details

FEATURES
► Internally matched, 0.3 GHz to 6 GHz, 39.5 dBm, GaN power
amplifier
► RF input and RF output AC-coupled
► Integrated drain bias inductors
► Output power: 39.5 dBm typical from 0.5 GHz to 5 GHz
(PIN = 16.0 dBm)
► Power gain: 23.5 dB typical from 0.5 GHz to 5 GHz
(PIN = 16.0 dBm)
► PAE: 40% typical from 0.5 GHz to 5 GHz (PIN = 16.0 dBm)
► Small signal gain: 33.5 dB typical from 0.5 GHz to 5 GHz
► Supply voltage: 28 V
► Quiescent current: 300 mA

APPLICATIONS
► Electronic warfare
► Communications
► Radar

GENERAL DESCRIPTION
The ADPA1116 is a 0.3 GHz to 6 GHz power amplifier with a
saturated output power (POUT) of 39.5 dBm, power added efficiency
(PAE) of 40%, and a power gain of 23.5 dB typical from 0.5 GHz
to 5 GHz at an input power (PIN) of 16.0 dBm. The RF input and
RF output are internally matched and AC-coupled. A drain bias
voltage of 28 V is applied to the VDD1 and VDD2 pins, which have
integrated bias inductors. The drain current is set by applying a
negative voltage to the VGG1 pin.




Similar Part No. - ADPA1116

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA1112 AD-ADPA1112 Datasheet
1Mb / 21P
1GHz to 22GHz, 15W, GaN Power Amplifier
Rev. 0
ADPA1112AEJZ AD-ADPA1112AEJZ Datasheet
1Mb / 21P
1GHz to 22GHz, 15W, GaN Power Amplifier
Rev. 0
ADPA1112AEJZ-50 AD-ADPA1112AEJZ-50 Datasheet
1Mb / 21P
1GHz to 22GHz, 15W, GaN Power Amplifier
Rev. 0
ADPA1113 AD-ADPA1113 Datasheet
816Kb / 17P
2 GHz to 6 GHz, 46 dBm (40 W), GaN Power Amplifier
Rev. 0
ADPA1113-EVALZ AD-ADPA1113-EVALZ Datasheet
816Kb / 17P
2 GHz to 6 GHz, 46 dBm (40 W), GaN Power Amplifier
Rev. 0
More results


Similar Description - ADPA1116

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2576-FL TRIQUINT-TGA2576-FL_15 Datasheet
261Kb / 11P
2.5 to 6 GHz GaN HEMT Power Amplifier
TGA2578-CP TRIQUINT-TGA2578-CP_15 Datasheet
601Kb / 12P
2 to 6 GHz, 30W GaN Power Amplifier
TGA2627-SM TRIQUINT-TGA2627-SM_15 Datasheet
1Mb / 16P
6 to 12 GHz GaN Driver Amplifier
TGA2590 TRIQUINT-TGA2590 Datasheet
613Kb / 12P
6-12 GHz 30W GaN Power Amplifier
logo
Analog Devices
HMC7885 AD-HMC7885 Datasheet
304Kb / 11P
2 GHz to 6 GHz, 45 dBm Power Amplifier
1/2017-Revision 0
ADPA1105 AD-ADPA1105 Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1107 AD-ADPA1107 Datasheet
356Kb / 20P
45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
7/2021-Revision 0
logo
Qorvo, Inc
TGA2590 QORVO-TGA2590 Datasheet
797Kb / 12P
6-12 GHz 30W GaN Power Amplifier
logo
Analog Devices
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
ADPA1122 AD-ADPA1122 Datasheet
880Kb / 17P
43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com