Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1112AEJZ Datasheet (PDF) - Analog Devices

ADPA1112AEJZ Datasheet PDF - Analog Devices
Part # ADPA1112AEJZ
Download  ADPA1112AEJZ Download
File Size   1289.2 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1GHz to 22GHz, 15W, GaN Power Amplifier

ADPA1112AEJZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPA1112AEJZ Datasheet PDF - Analog Devices

Part # ADPA1112AEJZ
Download  ADPA1112AEJZ Click to download

File Size   1289.2 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1GHz to 22GHz, 15W, GaN Power Amplifier

ADPA1112AEJZ Datasheet (HTML) - Analog Devices


ADPA1112AEJZ Product details

FEATURES
► Frequency range: 1GHz to 22GHz
► 50Ω matched input and output
► Power gain: 14dB typical from 8GHz to 16GHz
► POUT: 42dBm typical from 8GHz to 16GHz
► PAE: 25% typical from 8GHz to 16GHz
► S21: 20.5dB typical from 8GHz to 16GHz
► OIP3: 44dBm typical from 8GHz to 16GHz
► Integrated RF power detector
► VDD: 28V
► IDQ: 600mA

APPLICATIONS
► Electronic warfare
► Test and measurement equipment




Similar Part No. - ADPA1112AEJZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA1113 AD-ADPA1113 Datasheet
816Kb / 17P
2 GHz to 6 GHz, 46 dBm (40 W), GaN Power Amplifier
Rev. 0
ADPA1113-EVALZ AD-ADPA1113-EVALZ Datasheet
816Kb / 17P
2 GHz to 6 GHz, 46 dBm (40 W), GaN Power Amplifier
Rev. 0
ADPA1113AEJZ AD-ADPA1113AEJZ Datasheet
816Kb / 17P
2 GHz to 6 GHz, 46 dBm (40 W), GaN Power Amplifier
Rev. 0
ADPA1116 AD-ADPA1116 Datasheet
963Kb / 17P
0.3 GHz to 6 GHz, 39.5 dBm, GaN Power Amplifier
Rev. 0
More results


Similar Description - ADPA1112AEJZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH690 STMICROELECTRONICS-TSH690 Datasheet
134Kb / 10P
40MHz to 1GHz AMPLIFIER
Sep-1998
TSH690 STMICROELECTRONICS-TSH690_01 Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
logo
RF Micro Devices
RFHA1000 RFMD-RFHA1000 Datasheet
906Kb / 11P
50MHz TO 1000MHz, 15W GaN WIDEBAND
logo
TriQuint Semiconductor
TGA2623 TRIQUINT-TGA2623_15 Datasheet
580Kb / 14P
10 to 11GHz 35W GaN Power Amplifier
TGA2585-SM TRIQUINT-TGA2585-SM Datasheet
1Mb / 13P
2.7 to 3.7GHz, 18W GaN Power Amplifier
logo
Analog Devices
HMC8205BF10 AD-HMC8205BF10 Datasheet
273Kb / 14P
GaN Power Amplifier
Aug-2017
HMC1099PM5E AD-HMC1099PM5E Datasheet
325Kb / 18P
GaN Power Amplifier
9/2018-Rev. A to Rev. B
HMC1114PM5E AD-HMC1114PM5E Datasheet
668Kb / 17P
GaN Power Amplifier
9/2018-Revision 0
HMC8415LP6GE AD-HMC8415LP6GE Datasheet
513Kb / 23P
GaN Power Amplifier
4/2019-Rev. 0 to Rev. A
HMC8500PM5E AD-HMC8500PM5E Datasheet
308Kb / 17P
GaN Power Amplifier
9/2018-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com