Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1113 Datasheet (PDF) - Analog Devices

ADPA1113 Datasheet PDF - Analog Devices
Part # ADPA1113
Download  ADPA1113 Download
File Size   816.94 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 GHz to 6 GHz, 46 dBm (40 W), GaN Power Amplifier

ADPA1113 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPA1113 Datasheet PDF - Analog Devices

Part # ADPA1113
Download  ADPA1113 Click to download

File Size   816.94 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 GHz to 6 GHz, 46 dBm (40 W), GaN Power Amplifier

ADPA1113 Datasheet (HTML) - Analog Devices


ADPA1113 Product details

FEATURES
► Internally matched and AC-coupled, 40 W, GaN power amplifier
► Integrated drain bias inductor
► POUT: 46.5 dBm typical from 2.0 GHz to 5.7 GHz (PIN = 21 dBm)
► Small signal gain: 40.5 dB typical from 2.3 GHz to 5.7 GHz
► Power gain: 25.5 dB typical from 2.0 GHz to 5.7 GHz (PIN = 21
dBm)
► PAE: 39% typical from 2.3 GHz to 5.7 GHz
► VDD = 28 V at IDQ = 750 mA
► 14-lead ceramic leaded chip carrier [LDCC] with a copper-molybdenum
base
APPLICATIONS
► Military jammers
► Commercial and military radars
► Test and measurement equipment
GENERAL DESCRIPTION
The ADPA1113 is a gallium nitride (GaN), broadband power amplifier
delivering 46.5 dBm (44.7 W) with 39.0% power added efficiency
(PAE) from 2.3 GHz to 5.7 GHz. No external matching or AC-coupling
are required to achieve full-band operation. Additionally, no
external inductor is required to bias the amplifier.
The ADPA1113 is ideal for continuous wave applications, such as
military jammers and radars.




Similar Part No. - ADPA1113

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA1112 AD-ADPA1112 Datasheet
1Mb / 21P
1GHz to 22GHz, 15W, GaN Power Amplifier
Rev. 0
ADPA1112AEJZ AD-ADPA1112AEJZ Datasheet
1Mb / 21P
1GHz to 22GHz, 15W, GaN Power Amplifier
Rev. 0
ADPA1112AEJZ-50 AD-ADPA1112AEJZ-50 Datasheet
1Mb / 21P
1GHz to 22GHz, 15W, GaN Power Amplifier
Rev. 0
ADPA1116 AD-ADPA1116 Datasheet
963Kb / 17P
0.3 GHz to 6 GHz, 39.5 dBm, GaN Power Amplifier
Rev. 0
More results


Similar Description - ADPA1113

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2578-CP TRIQUINT-TGA2578-CP_15 Datasheet
601Kb / 12P
2 to 6 GHz, 30W GaN Power Amplifier
logo
Analog Devices
HMC7885 AD-HMC7885 Datasheet
304Kb / 11P
2 GHz to 6 GHz, 45 dBm Power Amplifier
1/2017-Revision 0
ADPA1105 AD-ADPA1105 Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1107 AD-ADPA1107 Datasheet
356Kb / 20P
45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
7/2021-Revision 0
logo
Qorvo, Inc
TGA2578-CP QORVO-TGA2578-CP Datasheet
519Kb / 13P
2 ??6 GHz 30 W GaN Power Amplifier
TGA2578 QORVO-TGA2578 Datasheet
566Kb / 12P
2-6 GHz 30 W GaN Power Amplifier
logo
Analog Devices
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
logo
Qorvo, Inc
TGA2576-2-FL QORVO-TGA2576-2-FL Datasheet
568Kb / 11P
2.5 ??6.0 GHz 40 W GaN Power Amplifier
September 2019
logo
Analog Devices
ADPA1122 AD-ADPA1122 Datasheet
880Kb / 17P
43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
Rev. 0
logo
WOLFSPEED, INC.
CMPA601C025D WOLFSPEED-CMPA601C025D Datasheet
2Mb / 20P
6 - 12 GHz, 40 W GaN HPA
Rev. 3.0, December2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com