Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1113 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPA1113
Description  2 GHz to 6 GHz, 46 dBm (40 W), GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1113 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPA1113 Datasheet HTML 2Page - Analog Devices ADPA1113 Datasheet HTML 3Page - Analog Devices ADPA1113 Datasheet HTML 4Page - Analog Devices ADPA1113 Datasheet HTML 5Page - Analog Devices ADPA1113 Datasheet HTML 6Page - Analog Devices ADPA1113 Datasheet HTML 7Page - Analog Devices ADPA1113 Datasheet HTML 8Page - Analog Devices ADPA1113 Datasheet HTML 9Page - Analog Devices ADPA1113 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
ADPA1113
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 17
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 7
NIC
No Internal Connection. The NIC pins are not connected internally. For normal operation, connect to ground.
2
VDD1
Drain Bias for First Stage of Amplifier. See Figure 3 for the VDD1 pin interface schematic.
3, 5, 10, 12
GND
Ground. The ground pins must be connected to the RF and the DC ground. See Figure 4 for the GND interface schematic.
4
RFIN
RF Input. The RFIN pin is AC-coupled and internally matched to 50 Ω. See Figure 3 for the RFIN interface schematic.
6
VGG1
Gate Control for All Three Stages of the Amplifier. See Figure 3 for the VGG1 interface schematic.
8
VDD2B
Drain Bias for the Second Stage of the South Side of the Amplifier. See Figure 5 for the VDD2B interface schematic.
9
VDD3B
Drain Bias for the Third Stage of the South Side of the Amplifier. See Figure 6 for the VDD3B interface schematic.
11
RFOUT
RF Output. The RFOUT pin is AC-coupled and internally matched to 50 Ω. See Figure 6 for the RFOUT interface schematic.
13
VDD3A
Drain Bias for the Third Stage of the North Side of the Amplifier. See Figure 6 for the VDD3A interface schematic.
14
VDD2A
Drain Bias for the Second Stage of the North Side of the Amplifier. See Figure 5 for the VDD2A interface schematic.
Package Base
GND
The package base must be connected to the RF and the DC ground. See Figure 4 for the GND Interface schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com