Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1113 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPA1113
Description  2 GHz to 6 GHz, 46 dBm (40 W), GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1113 Datasheet(HTML) 3 Page - Analog Devices

  ADPA1113 Datasheet HTML 1Page - Analog Devices ADPA1113 Datasheet HTML 2Page - Analog Devices ADPA1113 Datasheet HTML 3Page - Analog Devices ADPA1113 Datasheet HTML 4Page - Analog Devices ADPA1113 Datasheet HTML 5Page - Analog Devices ADPA1113 Datasheet HTML 6Page - Analog Devices ADPA1113 Datasheet HTML 7Page - Analog Devices ADPA1113 Datasheet HTML 8Page - Analog Devices ADPA1113 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Data Sheet
ADPA1113
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 17
ELECTRICAL SPECIFICATIONS
2.0 GHz to 2.3 GHz Frequency Range
TCASE = 25°C, supply voltage (VDD) = 28 V, target quiescent current (IDQ) = 750 mA, and frequency range = 2.0 GHz to 2.3 GHz, unless
otherwise noted.
Table 1. 2.0 GHz to 2.3 GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
2.0
2.3
GHz
GAIN
Small Signal Gain
36.5
39.0
dB
Gain Variation over
Temperature
0.44
dB/°C
Gain Flatness
±1.2
dB
RETURN LOSS
Input (S11)
18
dB
Output (S12)
7
dB
POWER
Input power (PIN) = 21 dBm
Output (POUT)
44.5
46.5
dBm
Gain (S21)
23.5
25.5
dB
PAE
47.0
%
IDQ
750
mA
Adjust the gate control voltage (VGG1) between −4 V and −1.9 V to
achieve an IDQ = 750 mA typical
2.3 GHz to 5.7 GHz Frequency Range
TCASE = 25°C, VDD = 28 V, IDQ = 750 mA, and frequency range = 2.3 GHz to 5.7 GHz, unless otherwise noted.
Table 2. 2.3 GHz to 5.7 GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
2.3
5.7
GHz
GAIN
Small Signal Gain
38.0
40.5
dB
Gain Variation over
Temperature
0.05
dB/°C
Gain Flatness
±0.8
dB
RETURN LOSS
Input
14
dB
Output
10
dB
POWER
PIN = 21 dBm
POUT
44.5
46.5
dBm
Gain
23.5
25.5
dB
PAE
39
%
IDQ
750
mA
Adjust VGG1 between −4 V and −1.9 V to achieve an IDQ = 750 mA
typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com