Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1113 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA1113
Description  2 GHz to 6 GHz, 46 dBm (40 W), GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1113 Datasheet(HTML) 1 Page - Analog Devices

  ADPA1113 Datasheet HTML 1Page - Analog Devices ADPA1113 Datasheet HTML 2Page - Analog Devices ADPA1113 Datasheet HTML 3Page - Analog Devices ADPA1113 Datasheet HTML 4Page - Analog Devices ADPA1113 Datasheet HTML 5Page - Analog Devices ADPA1113 Datasheet HTML 6Page - Analog Devices ADPA1113 Datasheet HTML 7Page - Analog Devices ADPA1113 Datasheet HTML 8Page - Analog Devices ADPA1113 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
ADPA1113
2 GHz to 6 GHz, 46 dBm (40 W), GaN Power Amplifier
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Internally matched and AC-coupled, 40 W, GaN power amplifier
►
Integrated drain bias inductor
►
POUT: 46.5 dBm typical from 2.0 GHz to 5.7 GHz (PIN = 21 dBm)
►
Small signal gain: 40.5 dB typical from 2.3 GHz to 5.7 GHz
►
Power gain: 25.5 dB typical from 2.0 GHz to 5.7 GHz (PIN = 21
dBm)
►
PAE: 39% typical from 2.3 GHz to 5.7 GHz
►
VDD = 28 V at IDQ = 750 mA
►
14-lead ceramic leaded chip carrier [LDCC] with a copper-molyb-
denum base
APPLICATIONS
►
Military jammers
►
Commercial and military radars
►
Test and measurement equipment
GENERAL DESCRIPTION
The ADPA1113 is a gallium nitride (GaN), broadband power amplifi-
er delivering 46.5 dBm (44.7 W) with 39.0% power added efficiency
(PAE) from 2.3 GHz to 5.7 GHz. No external matching or AC-cou-
pling are required to achieve full-band operation. Additionally, no
external inductor is required to bias the amplifier.
The ADPA1113 is ideal for continuous wave applications, such as
military jammers and radars.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADPA1113

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA1112 AD-ADPA1112 Datasheet
1Mb / 21P
1GHz to 22GHz, 15W, GaN Power Amplifier
Rev. 0
ADPA1112AEJZ AD-ADPA1112AEJZ Datasheet
1Mb / 21P
1GHz to 22GHz, 15W, GaN Power Amplifier
Rev. 0
ADPA1112AEJZ-50 AD-ADPA1112AEJZ-50 Datasheet
1Mb / 21P
1GHz to 22GHz, 15W, GaN Power Amplifier
Rev. 0
ADPA1116 AD-ADPA1116 Datasheet
963Kb / 17P
0.3 GHz to 6 GHz, 39.5 dBm, GaN Power Amplifier
Rev. 0
More results

Similar Description - ADPA1113

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2578-CP TRIQUINT-TGA2578-CP_15 Datasheet
601Kb / 12P
2 to 6 GHz, 30W GaN Power Amplifier
logo
Analog Devices
HMC7885 AD-HMC7885 Datasheet
304Kb / 11P
2 GHz to 6 GHz, 45 dBm Power Amplifier
1/2017-Revision 0
ADPA1105 AD-ADPA1105 Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1107 AD-ADPA1107 Datasheet
356Kb / 20P
45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
7/2021-Revision 0
logo
Qorvo, Inc
TGA2578-CP QORVO-TGA2578-CP Datasheet
519Kb / 13P
2 ??6 GHz 30 W GaN Power Amplifier
TGA2578 QORVO-TGA2578 Datasheet
566Kb / 12P
2-6 GHz 30 W GaN Power Amplifier
logo
Analog Devices
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
logo
Qorvo, Inc
TGA2576-2-FL QORVO-TGA2576-2-FL Datasheet
568Kb / 11P
2.5 ??6.0 GHz 40 W GaN Power Amplifier
September 2019
logo
Analog Devices
ADPA1122 AD-ADPA1122 Datasheet
880Kb / 17P
43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
Rev. 0
logo
WOLFSPEED, INC.
CMPA601C025D WOLFSPEED-CMPA601C025D Datasheet
2Mb / 20P
6 - 12 GHz, 40 W GaN HPA
Rev. 3.0, December2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com