Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT65-0106 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT65-0106
Description  Digital Attenuator 50dB, 6-Bit, TTL Driver, DC-2.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT65-0106 Datasheet(HTML) 2 Page - Tyco Electronics

  AT65-0106 Datasheet HTML 1Page - Tyco Electronics AT65-0106 Datasheet HTML 2Page - Tyco Electronics AT65-0106 Datasheet HTML 3Page - Tyco Electronics AT65-0106 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
*
$
$
* # + ,-
.
$
7
"
%
/ 0
;
<46
"
"
7
<46
>
"
!
$
1 2
3
(
!
$
1 2
,
7
' '1 ;A=
' 1 * ' ;A=
D*. 3
D(/ 3
4
2
2
2
D1 12
& 12
$
/'E
D&1E
4
$
)1E
D0*1E
5
2
/
' 12
2
D' 12
( <,
"
/ 4
4 $$5
!
#
4
0
5
1
)
#0 )
1 2)
5
F
6
* ' ;A=
3
F
/ *
/ .
3
0 * / & 0) (* 3
"
3
(
01 3
"
3
0.
(0 3
"
3
(*
1' 3
6
* ' ;A=
6
* ' ;A=
6
* ' ;A=
6
* ' ;A=
3
3
3
3
F
F
F
F
F
F
F
F
G ( D(H
G 1D1H
G ( D(H
G 1D.H
248 9
+
9
6
* ' ;A=
9
F
0 &%0
* 0
4
4
0
1'H
-'H 0'H 9+
0'H
-'H
-'H
0'H
F
F
4
4
F
F
.1
*'
01'
1'
0 3
F
F
1'
A=
' 1 * ' ;A=
3
3
F
F
D*0
D*/
F
F
7(
$
D1 3
I ' 3
1'
A=
' 1 * ' ;A=
3
3
F
F
D(1
D/&
F
F
2
2
F
F
F
F
2
2
/ .1
& '
1 '
1 '
1 *1
/ .1
5
J'K
4
*' L
,
F
2
' '
F
' &
5
J0K
4
*' L
,
F
2
* '
F
1 '
2
,!5
J'K
J0K
F
F
' *
)
2
,!5
J'K
J0K
F
F
' *
0
$
9
M
7 3
+9/
!
!
D*1
F
8
F
)' &'
F
0 6
'0N+
>



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com