Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT65-0106 Datasheet (PDF) - Tyco Electronics

AT65-0106 Datasheet PDF - Tyco Electronics
Part # AT65-0106
Download  AT65-0106 Download
File Size   424.69 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator 50dB, 6-Bit, TTL Driver, DC-2.0 GHz

AT65-0106 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT65-0106 Datasheet PDF - Tyco Electronics

Part # AT65-0106
Download  AT65-0106 Click to download

File Size   424.69 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator 50dB, 6-Bit, TTL Driver, DC-2.0 GHz

AT65-0106 Datasheet (HTML) - Tyco Electronics




Similar Part No. - AT65-0106

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0106 MACOM-AT65-0106 Datasheet
271Kb / 5P
Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT65-0106 MA-COM-AT65-0106 Datasheet
142Kb / 6P
Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT65-0106-TB MACOM-AT65-0106-TB Datasheet
271Kb / 5P
Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT65-0106-TB MA-COM-AT65-0106-TB Datasheet
142Kb / 6P
Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT65-0106TR MACOM-AT65-0106TR Datasheet
271Kb / 5P
Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
More results


Similar Description - AT65-0106

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT20-0106 MACOM-AT20-0106_1 Datasheet
185Kb / 4P
Digital Attenuator 50.0dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT20-0107 MACOM-AT20-0107_1 Datasheet
248Kb / 4P
Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT65-0107 MACOM-AT65-0107_1 Datasheet
356Kb / 4P
Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT90-0106 MACOM-AT90-0106_1 Datasheet
239Kb / 5P
Digital Attenuator 50dB, 6-Bit, TTL Driver, DC-2.4 GHz
AT90-1106 MACOM-AT90-1106_1 Datasheet
240Kb / 5P
Digital Attenuator 50dB, 6-Bit, TTL Driver, DC-2.4 GHz
AT-106-PIN MACOM-AT-106-PIN Datasheet
185Kb / 4P
Digital Attenuator, 50dB, 6-Bit, TTL Driver DC - 2.0 GHz
AT-107-PIN MACOM-AT-107-PIN Datasheet
184Kb / 4P
Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 2.0 GHz
MAATCC0005 MACOM-MAATCC0005 Datasheet
289Kb / 6P
Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0007 MACOM-MAATCC0007 Datasheet
270Kb / 6P
Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0008 MACOM-MAATCC0008 Datasheet
246Kb / 4P
Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com