Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MAC7101
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MAC7101 Datasheet HTML 1Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
© Freescale Semiconductor, Inc., 2004-2006. All rights reserved.
• Preliminary
Freescale Semiconductor
Advance Information
MAC7100EC
Rev. 1.2, 02/2006
This document contains information on a new product under development. Freescale
Semiconductor reserves the right to change or discontinue this product without notice.
Table of Contents
1 Overview ................................................................. 1
2 Ordering Information ............................................... 2
3 Electrical Characteristics......................................... 4
3.1
Parameter Classification......................................4
3.2
Absolute Maximum Ratings................................. 4
3.3
ESD Protection and Latch-up Immunity .............. 5
3.4
Operating Conditions........................................... 6
3.5
Input/Output Characteristics................................ 7
3.6
Power Dissipation and Thermal Characteristics.. 8
3.7
Power Supply .................................................... 11
3.8
Clock and Reset Generator ............................... 15
3.9
External Bus Timing .......................................... 20
3.10 Analog-to-Digital Converter ............................... 24
3.11 Serial Peripheral Interface ................................. 29
3.12 FlexCAN Interface ............................................. 32
3.13 Common Flash Module ..................................... 32
4 Device Pin Assignments .......................................36
4.1
MAC7141 Pin Diagram...................................... 41
4.2
MAC7142 Pin Diagram...................................... 42
4.3
MAC7121 / MAC7126 Pin Diagram ................... 43
4.4
MAC7122 Pin Diagram...................................... 44
4.5
MAC7101 / MAC7106 Pin Diagram ................... 45
4.6
MAC7111 / MAC7116 Pin Diagram ................... 46
4.7
MAC7112 Pin Diagram...................................... 47
4.8
MAC7131 Pin Diagram...................................... 48
4.9
MAC7136 Pin Diagram...................................... 49
5 Mechanical Information .........................................50
Revision History .................................................... 51
MAC7100 Microcontroller Family
Hardware Specifications
Covers MAC7101, MAC7106, MAC7111, MAC7116, MAC7121,
MAC7126, MAC7131, MAC7136, MAC71411
32-bit Embedded Controller Division
1. With preliminary information on MAC7112, MAC7122, MAC7142 devices.
This document provides electrical specifications, pin
assignments, and package diagrams for MAC7100
family of microcontroller devices. For functional
characteristics, refer to the MAC7100 Microcontroller
Family Reference Manual (MAC7100RM).
1
Overview
The MAC7100 Family of microcontrollers (MCUs) are
members of a pin-compatible family of 32-bit
Flash-memory-based devices developed specifically for
embedded automotive applications. The pin-compatible
family concept enables users to select between different
memory and peripheral options for scalable designs. All
MAC7100 Family members are composed of a 32-bit
ARM7TDMI-S™ central processing unit, up to 1 Mbyte
of embedded Flash EEPROM for program storage, up to
32 Kbytes of embedded Flash for data and/or program
storage, and up to 48 Kbytes of RAM. The family is
implemented with an enhanced DMA (eDMA) controller
to improve performance for transfers between memory
and many of the on-chip peripherals. The peripheral set
includes asynchronous serial communications interfaces
(eSCI), serial peripheral interfaces (DSPI),


Similar Part No. - MAC7101

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC7101 MOTOROLA-MAC7101 Datasheet
1Mb / 48P
MAC7100 Microcontroller Family Hardware Specifications
logo
Freescale Semiconductor...
MAC7101 FREESCALE-MAC7101 Datasheet
112Kb / 710P
Microcontroller Family Reference Manual
MAC7101 FREESCALE-MAC7101 Datasheet
112Kb / 16P
Microcontroller Family Reference Manual
logo
Motorola, Inc
MAC7101CFU MOTOROLA-MAC7101CFU Datasheet
1Mb / 48P
MAC7100 Microcontroller Family Hardware Specifications
MAC7101CPV MOTOROLA-MAC7101CPV Datasheet
1Mb / 48P
MAC7100 Microcontroller Family Hardware Specifications
More results

Similar Description - MAC7101

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
Family Hardware Specifications
MAC7100 MOTOROLA-MAC7100 Datasheet
1Mb / 48P
MAC7100 Microcontroller Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
Family Hardware Specifications
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
PowerQUICC II Family Hardware Specifications
logo
Freescale Semiconductor...
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
Microcontroller Family Hardware Specification
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
PowerQUICC??Family Hardware Specifications
MPC860 FREESCALE-MPC860_07 Datasheet
1Mb / 80P
PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
PowerQUICC II Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com