Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBAFES Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MFS5600AMBAFES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBAFES Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MFS5600AMBAFES Datasheet HTML 42Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 43Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 44Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 45Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 46Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 47Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 48Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 49Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
When an error occurs on the Watchdog refresh with an error on the timing, the bit "BAD_WD_TIMING" is set for
diagnostics.
When an error occurs on the Watchdog refresh with an error on the data, the bit "BAD_WD_DATA" is set for
diagnostics.
The duration of the watchdog window is configurable from 1 ms to 1024 ms with the WD_WINDOW [3:0] bits.
The new watchdog window is effective after the next watchdog refresh. The watchdog window may be set to
infinite.
The WD_WINDOW[3:0] has a complimentary register NOT_WD_WINDOW[3:0] which must be written with
the complimentary value for the input to take effect. This is to prevent erroneous communication from causing
negative system impact.
The initial watchdog window is set to 1024 ms until the first refresh by default. This is to allow time for the MCU
to boot up and refresh the watchdog for the first time. The 1024 ms initial window is available every time the
Watchdog starts.
WD_WINDOW[3:0]
Watchdog window period
0000
DISABLE (during INIT_FS only)
0001
1.0 ms
0010
2.0 ms
0011 (default)
3.0 ms
0100
4.0 ms
0101
6.0 ms
0110
8.0 ms
0111
12 ms
1000
16 ms
1001
24 ms
1010
32 ms
1011
64 ms
1100
128 ms
1101
256 ms
1110
512 ms
1111
1024 ms
Table 38. Watchdog window period configuration
The duty cycle of the watchdog window is configurable from 31.25 % to 68.75 % with the WDW_DC [2:0] bits.
The new duty cycle is effective after the next watchdog refresh.
WDW_DC [2:0]
CLOSED window
OPEN window
000
31.25 %
68.75 %
001
37.5 %
62.5 %
010 (default)
50 %
50 %
011
62.5 %
37.5 %
100
68.75 %
31.25 %
Table 39. Watchdog window duty cycle configuration
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
46 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com