Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBAFES Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MFS5600AMBAFES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBAFES Datasheet(HTML) 5 Page - NXP Semiconductors

  MFS5600AMBAFES Datasheet HTML 1Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 2Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 3Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 4Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 5Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 6Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 7Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 8Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Part number
Target
market
Safety
grade
OTP ID
SW1
SW2
Package drawing
MFS5600AVMABEP Industrial
QM
https://www.nxp.com/
MFS5600AVMABEP-OTP-
Report
5 V,
450kHz
5 V,
450kHz
SOT617-24
MFS5600AVMADEP Industrial
QM
https://www.nxp.com/
MFS5600AVMADEP-
OTP-Report
3.3 V,
450 kHz
3.3 V,
450 kHz
SOT617-24
MFS5600AVMAEEP Industrial
QM
https://www.nxp.com/
MFS5600AVMAEEP-OTP-
Report
5.5 V,
450 kHz
5 V,
450kHz
SOT617-24
Table 2. Ordering information...continued
OTP emulation and programming performed by the customer is allowed during engineering development using
NXP’s latest graphical user interface and socketed evaluation board.
Customer is not allowed to perform OTP programming for production purposes. Only NXP or a recommended
third party are allowed to program the device for production purposes.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
5 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com