Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBAFES Datasheet(PDF) 112 Page - NXP Semiconductors

Part # MFS5600AMBAFES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBAFES Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button MFS5600AMBAFES Datasheet HTML 108Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 109Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 110Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 111Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 112Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 113Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 114Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 115Page - NXP Semiconductors MFS5600AMBAFES Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
23 Revision history
Document ID
Release
date
Modifications
FS5600 v. 4
20240429
• CIN number 202402003I
• In Table 2, added five part numbers (MFS5600AMBAFES, MFS5600AMMABES, MFS5600
AVMABEP, MFS5600AVMADEP, and MFS5600AVMAEEP)
• In Section 4, added statement regarding OTP emulation and programming
• In Table 32, added (Default) indication for device address 0x18
• In Table 76, changed overvoltage to overcurrent for bits 14 and 13, and changed
overvoltage to undervoltage for bits 11 - 6
• In Table 77, changed overvoltage to undervoltage for bits 11-6
• In Figure 11, changed /7 to /8 in the Divider 1 box and /44 to /48 in the Divider 2 box.
• In Figure 33, changed value of L1 from 4.7 μH to 6.8 μH
• Updated legal information
FS5600 v. 3
20220802
• CIN number 202202008I
• In Section 2, added up to 15 A load capability for Buck Controller - External FET
• In Figure 1, under SW@ - Buck Controller, changed >10 A to up to 15 A
• In Section 10, added this note below the table: In the absence of BIAS_IN, VIN falling
below this voltage will cause FS5600 to power off
• In Section 12.1, corrected the units of Error Amplifier Transconductance from ms to mS
• In Section 12.2.1, added this to the end of the paragraph after the first table: When
operating at 450 kHz or lower, by choosing low Rds(on) MOSFETs in separate packages,
and with a low DCR inductor, SW2 can be designed to support loads of up to 15 A. Refer
to the schematic of KITFS5600FRDMEVM for a design that can support 15 A.
• Reorganized Section 12, adding Section 12.2.1.2 material
• In Section 12.2.1.1, added Use closest standard values for resistor and capacitors to the
end of the section
• In Section 17.6.1, added PGOODx toggle due to a before watchdog failure
• In Section 17.13.7, changed OTP_DFN_EN to OTP_DFS_EN
• Added Section 19
• In Figure 11, in the Divider 1 box, changed /8 to /7. In the Divider 2 box, changed /48 to
/44.
• In Figure 33, made these pin numbering changes at the lower left:
Swap 5-6
Swap 4-2
Swap 3-1
FS5600 v. 2
20210601 Moved from Objective status to Product status
FS5600 v. 1
20201029 Initial release of Objective data sheet
Table 85. 
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
112 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com