Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT600 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 4 Page - NXP Semiconductors

  RT600 Datasheet HTML 1Page - NXP Semiconductors RT600 Datasheet HTML 2Page - NXP Semiconductors RT600 Datasheet HTML 3Page - NXP Semiconductors RT600 Datasheet HTML 4Page - NXP Semiconductors RT600 Datasheet HTML 5Page - NXP Semiconductors RT600 Datasheet HTML 6Page - NXP Semiconductors RT600 Datasheet HTML 7Page - NXP Semiconductors RT600 Datasheet HTML 8Page - NXP Semiconductors RT600 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
4 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
operated when the chip is in reduced power mode, using either the 32 kHz clock or
an externally supplied clock.The USART also provides partial support for LIN2.2.
- An I2C-bus interface with multiple address recognition, and a monitor mode. It
supports 400 Kb/sec Fast-mode and 1 Mb/sec Fast-mode Plus. It also supports
3.4 Mb/sec high-speed when operating in slave mode.
- An SPI interface.
- An I2S (Inter-IC Sound) interface for digital audio input or output. Each I2S
supports up to four channel-pairs.
One high-speed SPI interface (Flexcomm Interface 14 only) supporting 50 MHz
operation.
One additional I2C interface available on some device configurations (see specific
device data sheet for more information). This interface is intended primarily for
communication with an external power management device (PMIC), but can be
used for other purposes when the application does not use an external PMIC.
One I3C bus interface.
A digital microphone interface supporting up to 8 channels with associated
decimators and Voice Activation Detect. One pair of channels can be streamed
directly to I2S. The DMIC supports DMA.
One 32-bit SCTimer/PWM module (SCT). Multi-purpose timer with extensive
event-generation, match/compare, and complex PWM and output control features.
- Supports DMA and can trigger external DMA events.
- Supports fractional match values for high resolution.
- State machine capability.
- 8 general-purpose inputs.
- 10 general-purpose/PWM outputs
- 16 matches or captures
- 16 events
- 32 states
Five general purpose, 32-bit timer/counter modules with PWM capability.
- Each timer supports four match outputs and four capture inputs.
- Match register auto-reload from shadow registers.
- It supports DMA and can trigger external DMA events.
24-bit multi-rate timer module with four channels, each capable of generating
repetitive interrupts at different programmable frequencies.
Two Windowed Watchdog Timers (WDT) with dedicated watchdog oscillator.
Frequency measurement module to determine the frequency of a selection of
on-chip or off-chip clock sources.
Real-Time Clock (RTC) with independent power supply and dedicated oscillator.
Integrated wake-up timer can be used to wake the device up from low-power
modes. The RTC includes eight 32-bit general purpose registers which can retain
content when power is removed from the rest of the chip.
Ultra-low power micro-tick timer running from the watchdog oscillator with capture
capability for timestamping. Can be used to wake the device up from low-power
modes.
64-bit OS Event Timer common to the Cortex-M33 and DSP processors with
individual match/capture and interrupt generation logic.
CRC engine block can calculate a CRC on supplied data using one of three
standard polynomials. The CRC engine supports DMA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com