Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT600 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 80Page - NXP Semiconductors RT600 Datasheet HTML 81Page - NXP Semiconductors RT600 Datasheet HTML 82Page - NXP Semiconductors RT600 Datasheet HTML 83Page - NXP Semiconductors RT600 Datasheet HTML 84Page - NXP Semiconductors RT600 Datasheet HTML 85Page - NXP Semiconductors RT600 Datasheet HTML 86Page - NXP Semiconductors RT600 Datasheet HTML 87Page - NXP Semiconductors RT600 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
84 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
10.18.7 Micro-Tick Timer
A 32-bit MicroTick timer that runs from the 1 MHz low-power oscillator. This timer can
wake up the device from reduced power modes up to deep-sleep, with extremely low
power consumption. The MicroTick timer has an added timestamp feature in the form of 4
capture registers.
10.18.7.1 Features
• Ultra simple, ultra-low power timer that can run and wake up the device in reduced
power modes other than deep power-down.
• Write once to start.
• Interrupt or software polling.
• Four capture registers that can be triggered by external pin transitions.
10.19 Other digital peripherals
10.19.1 DMA controller
The DMA controller allows peripheral-to memory, memory-to-peripheral, and
memory-to-memory transactions. Each DMA stream provides unidirectional DMA
transfers for a single source and destination.
Two identical DMA controllers are provided on the RT600. The user may elect to dedicate
one of these to the Cortex M-33 CPU and the other for use by the DSP CPU and/or one
may be used as a secure DMA the other non-secure.
10.19.1.1 Features
• One channel per on-chip peripheral direction: typically one for input and one for output
for most peripherals.
• DMA operations can optionally be triggered by on- or off-chip events.
• Priority is user selectable for each channel.
• Continuous priority arbitration.
• Address cache.
• Efficient use of data bus.
• Supports single transfers up to 1,024 words.
• Address increment options allow packing and/or unpacking data.
10.19.2 DMIC subsystem
10.19.2.1 Features
• Pulse-Density Modulation (PDM) data input for left and/or right channels on 1 or 2
buses.
• Flexible decimation.
• 16 entry FIFO for each channel.
• DC blocking or unaltered DC bias can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com