Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TW-R12-M-B146 Datasheet(PDF) 1 Page - Turck, Inc.

Part # TW-R12-M-B146
Description  HF Tag
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

TW-R12-M-B146 Datasheet(HTML) 1 Page - Turck, Inc.

  TW-R12-M-B146 Datasheet HTML 1Page - Turck, Inc. TW-R12-M-B146 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|2
TW-R12-M-B146
HF Tag
Technical data
Type
TW-R12-M-B146
ID
7030500
Remark to product
Tag for direct mounting on/in metal.
A recommendation for adhesives, the
requirements of the FDA and the EU for
incidental food contact can be requested
from TURCK. This recommendation does
not relieve the user of an examination
with regard to the suitability for his
application.
Data transfer
Inductive coupling
Technology
HF RFID
Operating frequency
13.56 MHz
Memory type
EEPROM
Chip
EM4233SLIC
Memory
146  Byte
Memory
Read/Write
Freely usable memory
128  Byte
Number of read operations
unlimited
Number of write operations
105
Typical read time
2 ms/Byte
Typical write time
3 ms/Byte
Radio communication and protocol
standards
ISO 15693
NFC Typ 5
Minimum distance to metal
0  mm
Temperature during read/write access
-40…+85  °C
Temperature outside detection range
-40…+130  °C
Features
■Tag for direct mounting on metal
■The mounting position (arrow) as well
as the alignment of the tag towards the
read/write head must be observed under
all circumstances in order to achieve a
maximum read/write distance
■When installed recessed in metal by 1 mm,
the write/read distance reduces to 30%
■Extended storage temperature range: The
tags must undergo adequate stress tests
within the proposed temperature processes
before deployment.
■The following stress test was performed on
this tag:
Cyclic temperature stress: 5 min. at 20 °C –
5 min. at 160 °C.
Number of tested cycles: 100T
This successfully performed test does
not imply suitability for a specific high-
temperature application, but merely serves
as proof of the basic usability.
■EEPROM, memory 146 byte
■For direct mounting on metal
Functional principle
The HF read/write devices operating at a
frequency of 13.56 MHz form a transmission
zone the size of which (0…500 mm) varies,
depending on the combination of read/write
head and tag used.
The read/write distances mentioned here only
represent standard values measured under
laboratory conditions, free from any influences
caused by surrounding materials.
The read/write distances of tags suitable for
mounting in/on metal were determined in/on
metal.
Attainable distances may vary by up to 30
% due to component tolerances, mounting
conditions, ambient conditions and material
qualities (especially when mounted in metal).


Similar Part No. - TW-R12-M-B146

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
TW-R10-M-B146 TURCK-TW-R10-M-B146 Datasheet
946Kb / 2P
HF Tag
11/08/2023
TW-R16-B128 TURCK-TW-R16-B128 Datasheet
948Kb / 2P
HF Tag
11/08/2023
TW-R16-K2 TURCK-TW-R16-K2 Datasheet
947Kb / 2P
HF Tag
11/08/2023
More results

Similar Description - TW-R12-M-B146

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I02-112A TI-RI-I02-112A Datasheet
189Kb / 2P
Tag-it HF-I Transponder Inlay
RI-I01-110A TI-RI-I01-110A Datasheet
37Kb / 1P
Tag-it HF Transponder Inlay Square
RI-I02-110A TI-RI-I02-110A Datasheet
53Kb / 1P
Tag-it??HF Transponder Inlay Rectangle - Large
RI-I03-110A TI-RI-I03-110A Datasheet
75Kb / 1P
Tag-it??HF Transponder Inlay Rectangle - Miniature
RI-I14-110A TI-RI-I14-110A Datasheet
40Kb / 1P
Tag-it HF Transponder Inlay - Strip
RI-I11-110A-01 TI-RI-I11-110A-01 Datasheet
112Kb / 4P
Tag-it??HF TRANSPONDER INLAYS SQUARE RECTANGLE
RF-HDT-AJLE TI1-RF-HDT-AJLE Datasheet
933Kb / 34P
Tag-it HF-I Standard Transponder IC
RF-HDT-AJLC TI-RF-HDT-AJLC Datasheet
811Kb / 30P
Tag-it HF-I Plus Transponder IC
RF-HDT-WNME-M0 TI1-RF-HDT-WNME-M0 Datasheet
933Kb / 34P
Tag-it HF-I Standard Transponder IC
RF-HDT-WNMC TI1-RF-HDT-WNMC Datasheet
811Kb / 30P
Tag-it HF-I Plus Transponder IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com