Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TW-R12-M-B146 Datasheet(PDF) 2 Page - Turck, Inc.

Part # TW-R12-M-B146
Description  HF Tag
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

TW-R12-M-B146 Datasheet(HTML) 2 Page - Turck, Inc.

  TW-R12-M-B146 Datasheet HTML 1Page - Turck, Inc. TW-R12-M-B146 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
2|2
Technical data
130 °C, 1000 h
160 °C
Design
Hard tag, R12
Diameter
12 mm ± 0.25 mm
Housing height
4.5 mm +/-0.3mm
Housing material
Plastic, open housing, potted, PPS
Epoxy
Active area material
Plastic, PPS, black
Protection class
IP68
Packaging unit
1
Testing of the application under real operating
conditions is therefore essential, especially
with on-the-fly reading and writing!
Mounting instructions/Description
The left figure shows how the read/write head
must be aligned towards the data carrier.
As an example here the read/write
head TNSLR-Q42TWD-H1147 is shown
(instructions valid for all suitable read/write
heads).
The orientation of the data carrier (arrow) is to
be observed.
 
A: Recommended distance
B: Maximum distance
C: Length of the transmission zone at
recommended distance
The corresponding values are listed in the
table.
 
To achieve the largest possible distance, the
data carrier must be positioned off-center to
the read/write head, or rather move along the
housing edges during the readwrite process.
The figure on the right shows the typical
spread of a data transmission zone
Glueing the data carrier:
Step 1: First, mill a sufficiently large bore hole
(see drawing)
Step 2: Fill the hole with sufficient adhesive or
potting material
Step 3: Press the data carrier into the hole.
Observe
the orientation of the data carrier (see arrow)
A subsequent alignment of the data carrier in
the hole is not possible.
 
Step 4: In order to avoid holes and undercuts,
first, led harden the adhesive after inserting
the data carrier. This also avoids any
unintentional rotation of the data carrier. Then,
fill up with adhesive and flush with the surface.
 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com