Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1547229 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1547229
Description  SAC-4P-MICFR/.../... - Sensor/actuator cable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1547229 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1547229 Datasheet HTML 1Page - PHOENIX CONTACT 1547229 Datasheet HTML 2Page - PHOENIX CONTACT 1547229 Datasheet HTML 3Page - PHOENIX CONTACT 1547229 Datasheet HTML 4Page - PHOENIX CONTACT 1547229 Datasheet HTML 5Page - PHOENIX CONTACT 1547229 Datasheet HTML 6Page - PHOENIX CONTACT 1547229 Datasheet HTML 7Page - PHOENIX CONTACT 1547229 Datasheet HTML 8Page - PHOENIX CONTACT 1547229 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
External cable diameter
5.50 mm ±0.2 mm
Outer sheath, material
PVC
External sheath, color
yellow
Conductor material
Bare Cu litz wires
Material wire insulation
PVC
Single wire, color
red/black, red/white, red, green
≥ 0.38 mm (Core insulation)
Thickness, insulation
≥ 0.76 mm (Outer cable sheath)
Overall twist
4 wires, twisted
Max. conductor resistance
max. 58 Ω/km (at 20 °C)
Insulation resistance
≥ 1 GΩ*km (at 20 °C)
Nominal voltage, cable
300 V
Test voltage
4000 V
Flame resistance
According to DIN EN 50265-2-1
Environmental and real-life conditions
Ambient conditions
IP65
IP67
Degree of protection
IP68
Ambient temperature (operation)
-25 °C ... 90 °C (Plug / socket)
SAC-4P-MICFR/.../... - Sensor/actuator cable
1547229
https://www.phoenixcontact.com/us/products/1547229
Apr 15, 2024, 7:32 AM
Page 4 (17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com