Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1547229 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1547229
Description  SAC-4P-MICFR/.../... - Sensor/actuator cable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1547229 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1547229 Datasheet HTML 1Page - PHOENIX CONTACT 1547229 Datasheet HTML 2Page - PHOENIX CONTACT 1547229 Datasheet HTML 3Page - PHOENIX CONTACT 1547229 Datasheet HTML 4Page - PHOENIX CONTACT 1547229 Datasheet HTML 5Page - PHOENIX CONTACT 1547229 Datasheet HTML 6Page - PHOENIX CONTACT 1547229 Datasheet HTML 7Page - PHOENIX CONTACT 1547229 Datasheet HTML 8Page - PHOENIX CONTACT 1547229 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 4-position, free cable end, on Socket angled 1/2"-20UNF, coding: C,
cable length: Free input (0.2 ... 40.0 m)
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Adapted: 1/2"-20UNF connectors with C-coding for the North American market
•
Commercial data
Item number
1547229
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BF17
Product key
BF1ECA
Catalog page
Page 98 (PC-2007)
Customs tariff number
85444290
Country of origin
US
SAC-4P-MICFR/.../... - Sensor/actuator cable
1547229
https://www.phoenixcontact.com/us/products/1547229
Apr 15, 2024, 7:32 AM
Page 1 (17)


Similar Part No. - 1547229

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
154720 ERNI-154720 Datasheet
115Kb / 1P
Federl. SMC-B 68-SMD-BA7-03
154721 ERNI-154721 Datasheet
129Kb / 1P
Federl. SMC-B 80-SMD-BA7-03
logo
PHOENIX CONTACT
1547216 PHOENIX-1547216 Datasheet
515Kb / 17P
SAC-4P-MICFS/.../... - Sensor/actuator cable
1547258 PHOENIX-1547258 Datasheet
522Kb / 17P
SAC-5P-MICFS/.../... - Sensor/actuator cable
1547261 PHOENIX-1547261 Datasheet
528Kb / 17P
SAC-5P-MICFR/.../... - Sensor/actuator cable
More results

Similar Description - 1547229

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1438956 PHOENIX-1438956 Datasheet
110Kb / 8P
Sensor/Actuator cable - SAC-4P-3,0-PUR/AD
1415588 PHOENIX-1415588 Datasheet
143Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/ 3,0-PVC
09/11/2020
1424082 PHOENIX-1424082 Datasheet
59Kb / 3P
Sensor/actuator cable - SAC-4P-40,0-PUR/M12FS
12/21/2018
1415585 PHOENIX-1415585 Datasheet
143Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/ 1,5-PVC
09/11/2020
1456970 PHOENIX-1456970 Datasheet
122Kb / 9P
Sensor/actuator cable - SAC-4P- 5,0-800/M12FR
09/11/2020
1456983 PHOENIX-1456983 Datasheet
122Kb / 9P
Sensor/actuator cable - SAC-4P-10,0-800/M12FR
09/11/2020
1457144 PHOENIX-1457144 Datasheet
123Kb / 10P
Sensor/actuator cable - SAC-4P-M12MR/ 5,0-800
09/11/2020
1502730 PHOENIX-1502730 Datasheet
75Kb / 5P
Sensor/actuator cable - SAC-4P-15,0-PUR/M12FS
12/05/2018
1509461 PHOENIX-1509461 Datasheet
109Kb / 8P
Sensor/actuator cable - SAC-4P-M12MS/10,0-186
09/11/2020
1668108 PHOENIX-1668108 Datasheet
147Kb / 11P
Sensor/actuator cable - SAC-4P- 1,5-PUR/M12FS
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com