Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHP3N60E Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHP3N60E
Description  PowerMOS transistors Avalanche energy rated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP3N60E Datasheet(HTML) 2 Page - NXP Semiconductors

  PHP3N60E Datasheet HTML 1Page - NXP Semiconductors PHP3N60E Datasheet HTML 2Page - NXP Semiconductors PHP3N60E Datasheet HTML 3Page - NXP Semiconductors PHP3N60E Datasheet HTML 4Page - NXP Semiconductors PHP3N60E Datasheet HTML 5Page - NXP Semiconductors PHP3N60E Datasheet HTML 6Page - NXP Semiconductors PHP3N60E Datasheet HTML 7Page - NXP Semiconductors PHP3N60E Datasheet HTML 8Page - NXP Semiconductors PHP3N60E Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors
Product specification
PowerMOS transistors
PHP3N60E, PHB3N60E
Avalanche energy rated
AVALANCHE ENERGY LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
E
AS
Non-repetitive avalanche
Unclamped inductive load, I
AS = 1.8 A;
-
139
mJ
energy
t
p = 0.2 ms; Tj prior to avalanche = 25˚C;
V
DD ≤ 50 V; RGS = 50 Ω; VGS = 10 V; refer
to fig:17
E
AR
Repetitive avalanche energy
1
I
AR = 2.8 A; tp = 2.5 µs; Tj prior to
-
5.5
mJ
avalanche = 25˚C; R
GS = 50 Ω; VGS = 10 V;
refer to fig:18
I
AS, IAR
Repetitive and non-repetitive
-
2.8
A
avalanche current
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
R
th j-mb
Thermal resistance junction
-
-
1.5
K/W
to mounting base
R
th j-a
Thermal resistance junction
SOT78 package, in free air
-
60
-
K/W
to ambient
SOT404 package, pcb mounted, minimum
-
50
-
K/W
footprint
1 pulse width and repetition rate limited by T
j max.
December 1998
2
Rev 1.200



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com