Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHP3N60E Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHP3N60E
Description  PowerMOS transistors Avalanche energy rated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP3N60E Datasheet(HTML) 3 Page - NXP Semiconductors

  PHP3N60E Datasheet HTML 1Page - NXP Semiconductors PHP3N60E Datasheet HTML 2Page - NXP Semiconductors PHP3N60E Datasheet HTML 3Page - NXP Semiconductors PHP3N60E Datasheet HTML 4Page - NXP Semiconductors PHP3N60E Datasheet HTML 5Page - NXP Semiconductors PHP3N60E Datasheet HTML 6Page - NXP Semiconductors PHP3N60E Datasheet HTML 7Page - NXP Semiconductors PHP3N60E Datasheet HTML 8Page - NXP Semiconductors PHP3N60E Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Philips Semiconductors
Product specification
PowerMOS transistors
PHP3N60E, PHB3N60E
Avalanche energy rated
ELECTRICAL CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA
600
-
-
V
voltage
∆V
(BR)DSS / Drain-source breakdown
V
DS = VGS; ID = 0.25 mA
-
0.1
-
%/K
∆T
j
voltage temperature
coefficient
R
DS(ON)
Drain-source on resistance
V
GS = 10 V; ID = 1.4 A
-
4
4.4
Ω
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 0.25 mA
2.0
3.0
4.0
V
g
fs
Forward transconductance
V
DS = 30 V; ID = 1.4 A
0.7
1.7
-
S
I
DSS
Drain-source leakage current V
DS = 600 V; VGS = 0 V
-
1
100
µA
V
DS = 480 V; VGS = 0 V; Tj = 125 ˚C
-
50
500
µA
I
GSS
Gate-source leakage current V
GS = ±30 V; VDS = 0 V
-
10
200
nA
Q
g(tot)
Total gate charge
I
D = 2.8 A; VDD = 480 V; VGS = 10 V
-
25
30
nC
Q
gs
Gate-source charge
-
2
3
nC
Q
gd
Gate-drain (Miller) charge
-
12
15
nC
t
d(on)
Turn-on delay time
V
DD = 300 V; RD = 100 Ω;
-
10
-
ns
t
r
Turn-on rise time
R
G = 18 Ω
-26
-
ns
t
d(off)
Turn-off delay time
-
66
-
ns
t
f
Turn-off fall time
-
30
-
ns
L
d
Internal drain inductance
Measured from tab to centre of die
-
3.5
-
nH
L
d
Internal drain inductance
Measured from drain lead to centre of die
-
4.5
-
nH
(SOT78 package only)
L
s
Internal source inductance
Measured from source lead to source
-
7.5
-
nH
bond pad
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
300
-
pF
C
oss
Output capacitance
-
43
-
pF
C
rss
Feedback capacitance
-
25
-
pF
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
I
S
Continuous source current
T
mb = 25˚C
-
-
2.8
A
(body diode)
I
SM
Pulsed source current (body
T
mb = 25˚C
-
-
11
A
diode)
V
SD
Diode forward voltage
I
S = 2.8 A; VGS = 0 V
-
-
1.2
V
t
rr
Reverse recovery time
I
S = 2.8 A; VGS = 0 V; dI/dt = 100 A/µs
-
500
-
ns
Q
rr
Reverse recovery charge
-
3
-
µC
December 1998
3
Rev 1.200



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com