Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

710607 Datasheet(PDF) 4 Page - PCTEL, Inc.

Part # 710607
Description  Smarteq™ AllDisc Combi MIMO WiFi-7, GNSS Antenna Platform
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710607 Datasheet(HTML) 4 Page - PCTEL, Inc.

  710607 Datasheet HTML 1Page - PCTEL, Inc. 710607 Datasheet HTML 2Page - PCTEL, Inc. 710607 Datasheet HTML 3Page - PCTEL, Inc. 710607 Datasheet HTML 4Page - PCTEL, Inc. 710607 Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SPECIFICATIONS
> pctel.com/antenna-products
Dimensions (D x H)
138 x 55 mm
Weight
~200g
Radome Construction
PC/PBT/Aluminum alloy
Operating / Storage Temperature
-40°C to +85°C
IP Class
IP6K9K
Extension Cables
Part Number
Cable Length
Connector
Gender
Code
LL58 Cable
710606
2.5m
FAKRA/SMA
Female/Male
Z
710608
2.5m
FAKRA
Female/Female
D
710609
2.5m
FAKRA
Female/Female
C
710610
2.5m
FAKRA
Female/Female
I
710607
5.0m
FAKRA/SMA
Female/Male
Z
710611
5.0m
FAKRA
Female/Female
D
710612
5.0m
FAKRA
Female/Female
C
710613
5.0m
FAKRA
Female/Female
I
DATASHEET ID 550 123 Y
Smarteq™ AllDisc Combi MIMO WiFi-7, GNSS
Antenna Platform
Combination Antennas – GNSS + Cellular + MIMO 2x2 WiFi
Mechanical and Environmental Specifications (All Models)
Physical



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com