Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

710607 Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # 710607
Description  Smarteq™ AllDisc Combi MIMO WiFi-7, GNSS Antenna Platform
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710607 Datasheet(HTML) 1 Page - PCTEL, Inc.

  710607 Datasheet HTML 1Page - PCTEL, Inc. 710607 Datasheet HTML 2Page - PCTEL, Inc. 710607 Datasheet HTML 3Page - PCTEL, Inc. 710607 Datasheet HTML 4Page - PCTEL, Inc. 710607 Datasheet HTML 5Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATASHEET
DATASHEET
COMBINATION ANTENNAS
A low-profile, whipless
combination antenna with
durable design that delivers
optimal performance and
support of multi-carrier voice
and data networks.
Description
Technologies
• 2G / 3G / 4G / 5G
• WiFi-7 / Bluetooth®
• GNSS
• GPS L1
• Galileo E1
• Glonass L1
• BeiDou
• Up to 4-in-1 combination
antenna
• 5G ready
• LNA gain 30dB with pre-filter
• Easy to install
• IP6K9K class
• Cable approved acc ECE-R118
• IATF 16949
Features
DATASHEET ID 550 123 Y
Smarteq™ AllDisc Combi MIMO
WiFi-7, GNSS Antenna Platform
Combination Antennas – GNSS + Cellular + MIMO 2x2 WiFi/
LTE Sec
710260, 710261, 710501, 710280, 710450, 710478


Similar Part No. - 710607

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
710607 PCTEL-710607 Datasheet
209Kb / 3P
2/3/4/5G and WIFI 2x MIMO
710607 PCTEL-710607 Datasheet
291Kb / 4P
AllDisc Combi Antenna 4 in 1: MIMO LTE / 5G, WiFi 6E, GNSS
More results

Similar Description - 710607

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GPSMB401 PULSE-GPSMB401 Datasheet
2Mb / 29P
MiMoLTE, WiFi, GNSS Vehicle Mount Antenna
W6113B0100 PULSE-W6113B0100 Datasheet
2Mb / 21P
2x2 MIMO LTE GNSS FPC ANTENNA
GPSLPMB403 PULSE-GPSLPMB403 Datasheet
3Mb / 41P
2xLTE, WIFI, GNSS MULTIBAND VEHICULAR ANTENNA
logo
TE Connectivity Ltd
1-1773963-2 TEC-1-1773963-2 Datasheet
1Mb / 2P
CEILING MOUNTED MIMO WIFI ANTENNA
logo
Pulse A Technitrol Comp...
GNSSDM700 PULSE-GNSSDM700 Datasheet
2Mb / 18P
WiFi /Active GNSS Direct Mount Antenna
GPSLPMB401 PULSE-GPSLPMB401 Datasheet
2Mb / 39P
: 2xLTE, WiFi , GNSS Multiband Vehicular Antenna
logo
Molex Electronics Ltd.
2030070001 MOLEX-2030070001 Datasheet
302Kb / 5P
GNSS/Wifi Combo Ceramic Antenna
2017/09/11
logo
Maxtena Inc.
NETZ4IN1 MAXTENA-NETZ4IN1 Datasheet
1,006Kb / 4P
CELLULAR/LTE/MIMO/WIFI ANTENNA
REV A
NETZ5IN1 MAXTENA-NETZ5IN1 Datasheet
2Mb / 5P
LTE-MIMO/WIFI-MIMO/GNSS
REV A
logo
Raltron Electronics Cor...
RDM-MBJ3-110053-1M-X-001 RALTRON-RDM-MBJ3-110053-1M-X-001 Datasheet
376Kb / 2P
WIFI MIMO ANTENNA
Rev. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com