Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

710607 Datasheet (PDF) - PCTEL, Inc.

710607 Datasheet PDF - PCTEL, Inc.
Part # 710607
Download  710607 Download
File Size   291.58 Kbytes
Page   4 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description AllDisc Combi Antenna 4 in 1: MIMO LTE / 5G, WiFi 6E, GNSS

710607 Datasheet (PDF)

Go To PDF Page Download Datasheet
710607 Datasheet PDF - PCTEL, Inc.

Part # 710607
Download  710607 Click to download

File Size   291.58 Kbytes
Page   4 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description AllDisc Combi Antenna 4 in 1: MIMO LTE / 5G, WiFi 6E, GNSS

710607 Datasheet (HTML) - PCTEL, Inc.


710607 Product details

Features
5G and Wifi 6E
Cellular Main: 617-960 / 1710-2690MHz and 3300-3800MHz
Cellular Secondary/ WIF-6E: 1427-7200MHz
GNSS: GPS, Galileo, Glonass, BeiDou
LNA gain 30dB with pre-filter
IP6K9K class
Approved according to ECE-R118
Designed in Sweden with design registration

Applications
Public safety
Track and trace
Fleet management
Navigation / Positioning
V2X
Cargo/load handling




Similar Part No. - 710607

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
710607 PCTEL-710607 Datasheet
209Kb / 3P
2/3/4/5G and WIFI 2x MIMO
710607 PCTEL-710607 Datasheet
2Mb / 5P
Smarteq™ AllDisc Combi MIMO WiFi-7, GNSS Antenna Platform
More results


Similar Description - 710607

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W6113B0100 PULSE-W6113B0100 Datasheet
2Mb / 21P
2x2 MIMO LTE GNSS FPC ANTENNA
logo
Taoglas antenna solutio...
MA9908.A.001 TAOGLAS-MA9908.A.001 Datasheet
5Mb / 73P
GuardianX 1M 8in1 1*Active GNSS 4*LTE MIMO 3*WiFi MIMO
logo
Maxtena Inc.
NETZ4IN1 MAXTENA-NETZ4IN1 Datasheet
1,006Kb / 4P
CELLULAR/LTE/MIMO/WIFI ANTENNA
REV A
NETZ5IN1 MAXTENA-NETZ5IN1 Datasheet
2Mb / 5P
LTE-MIMO/WIFI-MIMO/GNSS
REV A
logo
PCTEL, Inc.
GLHPDLTEMIMO-LT PCTEL-GLHPDLTEMIMO-LT Datasheet
472Kb / 5P
Combination Antenna - GNSS, 5G Cellular and WiFi
2021
logo
Suzhou Maswell Communic...
AN_MASTER_001-4 MASWELL-AN_MASTER_001-4 Datasheet
1Mb / 14P
Maswell 5G/4G/LTE GNSS Panel MIMO Combo Antenna
AN.AG50.4CELL.6000.40 MASWELL-AN.AG50.4CELL.6000.40 Datasheet
221Kb / 2P
Maswell 4 in 1 5G MIMO antenna screw mount
AN_MASTER_CUBIC-4 MASWELL-AN_MASTER_CUBIC-4 Datasheet
989Kb / 7P
Maswell 5G 5 in 1 GNSS Combo MIMO Antenna Screw Mount
logo
Pulse A Technitrol Comp...
SKF5G62311DM PULSE-SKF5G62311DM Datasheet
2Mb / 14P
Sharkfin / Vehicular 5G-FR1WiFi-6EGNSS L1L2 Direct Mount 6-in-1 Antenna
logo
AVX Corporation
X1005244-LWA3SX10A2 AVX-X1005244-LWA3SX10A2 Datasheet
1Mb / 13P
GNSS (active) / LTE / WiFi 3-in-1 External Antenna
10/14/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com