Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

710607 Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # 710607
Description  AllDisc Combi Antenna 4 in 1: MIMO LTE / 5G, WiFi 6E, GNSS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710607 Datasheet(HTML) 2 Page - PCTEL, Inc.

  710607 Datasheet HTML 1Page - PCTEL, Inc. 710607 Datasheet HTML 2Page - PCTEL, Inc. 710607 Datasheet HTML 3Page - PCTEL, Inc. 710607 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DATASHEET ID 550 258 C
Smarteq, based in Stockholm, Sweden, is a leading developer
of antennas and antenna systems for increased availability.
Smarteq aims towards the market segments industry, energy
and vehicles.
smarteq.com info@smarteq.com +46 8 792 92 00
Specifications
Electrical
Cellular Main LTE/5G
Frequency band [MHz]
617 – 698
698 – 960
1710 –
2690
3300 -
3800
VSWR* (typical)
< 3 :1
< 2.7 :1
< 2.1 :1
< 1.9 :1
Peak gain* [dBi]
1dBi
5.5dBi
4.5dBi
6.5dBi
Antenna efficiency*
~40%
~65%
~77%
~66%
Isolation Port 1 to 2
12 dB
16 dB
25 dB
30 dB
Correlation factor
<0.04
Impedance
50Ω
Polarization
Linear
Radiation
characteristics
Omnidirectional
Max power (ambient
temp. of 25°C)
10W
DC short
Yes
Impedance
50Ω
Polarization
Vertical
2x Cellular Secondary /
WIfi 6E
Frequency band [MHz]
1427-1510
1710-2690
3300-5000
4900-7200
VSWR* [typical]
2:1
2:1
2:1
2:1
Peak gain’ [dBi]
4,5
6
6.5
9,5
Antenna efficiency*
70%
75%
70%
70%
Isolation Port 1 to 2
Correlation factor
<0.04
Impedance
50Ω
Polarization
Linear
Radiation
characteristics
Omnidirectional
Max power (ambient
temp. of 25°C)
10W
Impedance
50Ω
Polarization
Vertical



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com