Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

710607 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # 710607
Description  AllDisc Combi Antenna 4 in 1: MIMO LTE / 5G, WiFi 6E, GNSS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710607 Datasheet(HTML) 3 Page - PCTEL, Inc.

  710607 Datasheet HTML 1Page - PCTEL, Inc. 710607 Datasheet HTML 2Page - PCTEL, Inc. 710607 Datasheet HTML 3Page - PCTEL, Inc. 710607 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DATASHEET ID 550 258 C
Smarteq, based in Stockholm, Sweden, is a leading developer
of antennas and antenna systems for increased availability.
Smarteq aims towards the market segments industry, energy
and vehicles.
smarteq.com info@smarteq.com +46 8 792 92 00
GNSS
Frequencies
1559 - 1610MHz
Impedance
50Ω
Polarization
RHCP
VSWR
< 2.0:1
Gain Passive
(peak gain)
1585MHz
4,5dBic
GPS
3.0dBic
GLONASS
2.0dBic
BEIDOU
1.5dBic
GALILEO
2.0dBic
Gain Active
30 + 1dB
Noise figure
< 2.5dB with pre-filter
(1.2dB no pre-filter)
Out of band rejection
< 960MHz
> 60dB
> 1710MHz
> 60dB
Compression point
-20 dBm
Supply Voltage
2.4-6V
Current Consumption
8-10mA
Mechanical
Dimension (dxh)
138 x 55mm
Installation
Hole mount with center screw
Hole dimension Ø19mm
Installation thickness ≤ 8.5mm
Min. installation radius 2000mm
Cable
RG316
Weight
~200g
IP class
IP6K9K
Temperature
Storage
-40°C to +85°C
Operating
-40°C to +85°C
Part
number
Radio System
Cable
length (m)
Connector
Code
710679
LTE Main
LTE Sec / WIFI 6E
LTE Sec / WIFI 6E
0.20
0.30
0.35
FAKRA-m
D
I
I
710680
LTE Main
GNSS+
LTE Sec / WIFI 6E
LTE Sec / WIFI 6E
0.20
0.25
0.30
0.35
FAKRA-m
D
C
I
I
710681
LTE Main
LTE Sec / WIFI 6E
0.20
0.30
FAKRA-m
D
I



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com