Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55008S-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # PD55008S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008S-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PD55008S-E Datasheet HTML 2Page - STMicroelectronics PD55008S-E Datasheet HTML 3Page - STMicroelectronics PD55008S-E Datasheet HTML 4Page - STMicroelectronics PD55008S-E Datasheet HTML 5Page - STMicroelectronics PD55008S-E Datasheet HTML 6Page - STMicroelectronics PD55008S-E Datasheet HTML 7Page - STMicroelectronics PD55008S-E Datasheet HTML 8Page - STMicroelectronics PD55008S-E Datasheet HTML 9Page - STMicroelectronics PD55008S-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Typical performance
PD55008-E, PD55008S-E
6/28
4
Typical performance
Figure 2.
Capacitance vs. drain voltage
Figure 3.
Drain current vs. gate-source
voltage
Figure 4.
Gate-source voltage vs. case
temperature
0
5
10
15
20
25
VDD, DRAIN VOLTAGE (V)
1
10
100
1000
Ciss
Coss
Crss
f=1 MHz
12
3
4
5
6
VGS, GATE-SOURCE VOLTAGE (V )
0
1
2
3
4
Vds = 10 V
-25
0
25
50
75
100
Tc, CASE TEMPERATURE (°C)
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
ID = .25A
ID = .5A
ID = 1A
ID = 2A
ID = 1.5A
VDS = 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com