Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55008S-E Datasheet(PDF) 17 Page - STMicroelectronics

Part # PD55008S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008S-E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PD55008S-E Datasheet HTML 13Page - STMicroelectronics PD55008S-E Datasheet HTML 14Page - STMicroelectronics PD55008S-E Datasheet HTML 15Page - STMicroelectronics PD55008S-E Datasheet HTML 16Page - STMicroelectronics PD55008S-E Datasheet HTML 17Page - STMicroelectronics PD55008S-E Datasheet HTML 18Page - STMicroelectronics PD55008S-E Datasheet HTML 19Page - STMicroelectronics PD55008S-E Datasheet HTML 20Page - STMicroelectronics PD55008S-E Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
PD55008-E, PD55008S-E
Common source s-parameter
17/28
7.2
PD55008 (VDS = 12.5V IDS = 800mA)
Table 9.
S-parameter
FREQ
IS11IS11∠Φ
IS21IS21∠Φ
IS12IS12∠Φ
IS22IS22∠Φ
(MHz)
50
0.832
-156
20.68
90
0.022
3
0.740
-157
100
0.833
-167
9.98
80
0.022
-6
0.734
-165
150
0.839
-171
6.51
73
0.020
-11
0.741
-169
200
0.851
-172
4.78
67
0.020
-16
0.756
-169
250
0.851
-174
3.71
60
0.018
-20
0.767
-170
300
0.861
-174
3.00
55
0.017
-22
0.791
-172
350
0.872
-175
2.46
49
0.016
-23
0.813
-172
400
0.883
-176
2.06
44
0.014
-26
0.828
-173
450
0.894
-177
1.75
40
0.014
-26
0.849
-174
500
0.902
-178
1.50
35
0.012
-26
0.863
-175
550
0.910
-179
1.30
31
0.011
-27
0.874
-176
600
0.919
-179
1.14
28
0.010
-29
0.886
-177
650
0.923
180
1.01
25
0.009
-25
0.890
-178
700
0.929
179
0.90
22
0.008
-20
0.898
-179
750
0.934
178
0.81
19
0.007
-10
0.905
-180
800
0.937
177
0.73
16
0.006
-3
0.908
179
850
0.939
177
0.66
13
0.005
11
0.925
178
900
0.942
176
0.60
11
0.005
17
0.926
177
950
0.944
175
0.55
9
0.006
20
0.929
176
1000
0.949
175
0.51
6
0.006
25
0.935
176
1050
0.952
174
0.47
4
0.008
35
0.933
174
1100
0.954
173
0.43
2
0.007
38
0.935
173
1150
0.952
173
0.40
0
0.009
48
0.936
173
1200
0.954
172
0.37
-2
0.009
50
0.936
172
1250
0.951
171
0.34
-4
0.010
53
0.937
171
1300
0.950
171
0.32
-5
0.011
51
0.935
170
1350
0.951
170
0.30
-6
0.011
60
0.935
169
1400
0.948
170
0.28
-8
0.012
56
0.939
169
1450
0.947
169
0.27
-9
0.012
64
0.928
168
1500
0.944
168
0.25
-9
0.013
67
0.933
166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com