Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA0S506AJ-R7 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA0S506AJ-R7
Description  SPDT T/R Switch 5.0 - 6.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA0S506AJ-R7 Datasheet(HTML) 2 Page - Tyco Electronics

  MA0S506AJ-R7 Datasheet HTML 1Page - Tyco Electronics MA0S506AJ-R7 Datasheet HTML 2Page - Tyco Electronics MA0S506AJ-R7 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPDT T/R Switch
5.0 - 6.0 GHz
MA0S506AJ
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Parameter
Test Conditions
Unit
Min.
Typ.
Max.
Insertion Loss
dB
1.4
1.8
Isolation
dB
25
28
Return Loss
dB
9
TRISE, TFALL
TON, TOFF
10% to 90% RF, 90% to 10% RF
50% Control to 90% RF, 50% Control to 10% RF
nS
nS
10
25
1 dB Compression
V1/V2 = 0/3 V, VDD = 3 V
V1/V2 = 0/5 V, VDD = 5 V
dBm
dBm
32
35
Third Order Intercept
dBm
44
Insertion Loss Path
Isolated Path
V1
V2
RF1/RFC
RF2/RFC
1
0
RF2/RFC
RF1/RFC
0
1
Switch Logic Table 5,6
5. “0” = 0 +/- 0.2 volts
6. “1” = +2.7 to +5 volts, equal to VDD
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
4
4. Unless otherwise specified, input power is -10 dBm, VDD is +5 V, control voltages are 0/+5 V, and test frequency is 5.775 GHz
Application Schematic
Board material: Rogers Duroid RO4350, 20 mil thick
dielectric (er=3.48). All RF traces are 50 ohms (43mils
wide).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com